Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU15M Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # GBU15M
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GBU15M Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  GBU15M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GBU15M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1
100
10
10
1
100
.01
.1
0
.6
0.8
1.0
1.2
1.4
0.1
1.0
10
 
TJ=25
Pulse Width
=300uS
0
.2
0
.4
100
.01
10
04 0
6 0
20
100
80
T J =2 5
0.1
1.0
.0 1
T J =1 5 0
100
500
T J =1 2 5
50 -400 V
60 0-1 000V
0
3
0100
12
150
50
9
6
15
18
21
24
0
150
100
200
10
TJ=TJ max.
SINGLE SINE-WAVE
(JEDEC METHOD)
1
50
100
250
FIG.3 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
NUMBER OF CYCLES AT 60Hz
TEMPERATURE,
DURGE CURRENT
REVERSE VOLTAGE, VOLTS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE PER LEG
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
RATINGS AND CHARACTERISTIC CURVES
GBU15A --- GBU15M
FIG.1 -- DERATING CURVE FOR OUTPUT RRECTIFIED CURRENT
t, HEATING TIME, sec.
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0287029
2.
1100
10
10
1000
100
.1
f=1.0 MHz
VSIG=50mVp-p
50-400V
600-1000V
TJ=25
200
4


Similar Part No. - GBU15M

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBU15M LRC-GBU15M Datasheet
309Kb / 4P
   Bridge rectifiers
logo
Micro Commercial Compon...
GBU15M MCC-GBU15M Datasheet
206Kb / 3P
   15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
GBU15M MCC-GBU15M Datasheet
151Kb / 3P
   15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
logo
GeneSiC Semiconductor, ...
GBU15M GENESIC-GBU15M Datasheet
334Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
GBU15M SECOS-GBU15M Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - GBU15M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com