Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU15A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # GBU15A
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GBU15A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  GBU15A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GBU15A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Ideal for printed circuit board
Reliable low cos t cons truction utilizing m olded
plas tic technique
Plas tic m aterrial has U/L flam m ability clas s ification
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phase,half wave,60 Hz,res istive or inductive load. For capacitive load,derate by 20%.
GBU
15D
GBU
15G
GBU
15J
GBU
15K
GBU
15M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard Tc=100
output current
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 7.5 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=125
mA
Typical junction capacitance per leg (note 3)
CJ
pF
Typical thermal resistance per leg
(note 2)
RθJA
(note 1)
RθJC
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Unit case m ounted on 3.2x3.2x0.12" thick (6.2x8.2x0.3cm ) AI. Plate.
- 55 ---- + 150
- 55 ---- + 150
IR
2.2
/W
211
94
21.0
SILICON BRIDGE RECT IFIERS
A
100
70
VOLT AGE RANGE: 50 --- 1000 V
CURRENT :
15.0 A
35
5
0
GBU
IFSM
A
5.0
Mounting pos ition: Any
IF(AV)
15.0
2. Units m ounted in f ree air, no heat sink on P.C.B., 0.5x0.5"(12x12m m ) copper pads, 0.375"(9.5m m ) lead length.
GBU15A --- GBU15M
3. Measured at 1.0 MHz and applied rev erse v oltage of 4.0 v olts.
GBU
15A
GBU
15B
50
100
1.0
500.0
240.0
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0287029
1.
.085(2.16)
.100(2.54)
_
~~
+
.160(4.1)
.140(3.5)
+
+
.310(7.9)
.290(7.4)
.085(2.16)
.065(1.65)
.165(4.2)
.185(4.7)
.933(23.7)
.894(22.7)
.075(1.9)R.TYP.
.018(.46)
.022(.56)
.075(1.90)
.085(2.18)
.140(3.56)
.130(3.30)
45
0
.060(1.52)
.080(2.03)
.210(5.33)
.190(4.83)
.050(1.27)
.040(1.02)
.740(18.8)
.720(18.3)
.690(17.5)
.710(18)
inch(mm)


Similar Part No. - GBU15A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBU15A LRC-GBU15A Datasheet
309Kb / 4P
   Bridge rectifiers
logo
Zibo Seno Electronic En...
GBU15A ZSELEC-GBU15A Datasheet
80Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GBU15A CHENG-YI-GBU15A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBU15A MCC-GBU15A Datasheet
206Kb / 3P
   15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
GBU15A MCC-GBU15A Datasheet
151Kb / 3P
   15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
More results

Similar Description - GBU15A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com