Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7641ILTZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7641ILTZ-T7
Description  TFT-LCD DC/DC with Integrated Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7641ILTZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7641ILTZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7641ILTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN7415.2
EL7640, EL7641, EL7642
TFT-LCD DC/DC with Integrated
Amplifiers
The EL7640, EL7641, and EL7642 integrate a high
performance boost regulator with 2 LDO controllers for VON
and VOFF, a VON-slice circuit with adjustable delay and
either one (EL7640), three (EL7641), or five amplifiers
(EL7642) for VCOM and VGAMMA applications.
The boost converter in the EL7640, EL7641, and EL7642 is
a current mode PWM type integrating an 18V N-channel
MOSFET. Operating at 1.2MHz, this boost can operate in
either P-mode for superior transient response, or in PI-mode
for tighter output regulation.
Using external low-cost transistors, the LDO controllers
provide tight regulation for VON, VOFF, as well as providing
start-up sequence control and fault protection.
The amplifiers are ideal for VCOM and VGAMMA
applications, with 150mA peak output current drive, 12MHz
bandwidth, and 12V/
µs slew rate. All inputs and outputs are
rail-to-rail.
Available in the 32 Ld thin QFN (5mm x 5mm) Pb-free
packages, the EL7640, EL7641, and EL7642 are specified
for operation over the -40°C to +85°C temperature range.
Features
• Current mode boost regulator
- Fast transient response
- 1% accurate output voltage
- 18V/3A integrated FET
- >90% efficiency
• 2.6V to 5.5V VIN supply
• 2 LDO controllers for VON and VOFF
- 2% output regulation
-VON-slice circuit
• High speed amplifiers
- 150mA short-circuit output current
-12V/
µs slew rate
- 12MHz -3dB bandwidth
- Rail-to-rail inputs and outputs
• Built-in power sequencing
• Internal soft-start
• Multiple overload protection
• Thermal shutdown
• 32 Ld 5x5 thin QFN package
• Pb-Free plus anneal available (RoHS compliant)
Applications
• TFT-LCD panels
• LCD monitors
• Notebooks
•LCD-TVs
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
EL7640ILTZ
7640ILTZ
-
32 Ld 5x5
Thin QFN
MDP0051
EL7640ILTZ-T7
7640ILTZ
7”
32 Ld 5x5
Thin QFN
MDP0051
EL7640ILTZ-T13
7640ILTZ
13”
32 Ld 5x5
Thin QFN
MDP0051
EL7641ILTZ
7641ILTZ
-
32 Ld 5x5
Thin QFN
MDP0051
EL7641ILTZ-T7
7641ILTZ
7”
32 Ld 5x5
Thin QFN
MDP0051
EL7641ILTZ-T13
7641ILTZ
13”
32 Ld 5x5
Thin QFN
MDP0051
EL7642ILTZ
7642ILTZ
-
32 Ld 5x5
Thin QFN
MDP0051
EL7642ILTZ-T7
7642ILTZ
7”
32 Ld 5x5
Thin QFN
MDP0051
EL7642ILTZ-T13
7642ILTZ
13”
32 Ld 5x5
Thin QFN
MDP0051
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb
and Pb-free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements
of IPC/JEDEC J STD-020.
Data Sheet
February 22, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7641ILTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7641ILTZ-T7 INTERSIL-EL7641ILTZ-T7 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7641ILTZ-T7 RENESAS-EL7641ILTZ-T7 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results

Similar Description - EL7641ILTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Intersil Corporation
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
ISL78020ANZ INTERSIL-ISL78020ANZ Datasheet
347Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com