Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7515IYZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7515IYZ
Description  High Frequency PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7515IYZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL7515IYZ Datasheet HTML 1Page - Intersil Corporation EL7515IYZ Datasheet HTML 2Page - Intersil Corporation EL7515IYZ Datasheet HTML 3Page - Intersil Corporation EL7515IYZ Datasheet HTML 4Page - Intersil Corporation EL7515IYZ Datasheet HTML 5Page - Intersil Corporation EL7515IYZ Datasheet HTML 6Page - Intersil Corporation EL7515IYZ Datasheet HTML 7Page - Intersil Corporation EL7515IYZ Datasheet HTML 8Page - Intersil Corporation EL7515IYZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN7120.2
August 10, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
EN, LBI, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+12V
LX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature: . . . . . . . . . . . . . . . . . . . . . +135°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
VIN = 5V, VOUT = 12V, L = 10µH, IOUT = 0mA, RT = 100kΩ, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
VIN
Input Voltage Range
1.8
13.2
V
VOUT
Output Voltage Range
4.5
17
V
IQ1
Quiescent Current - Shut-down
VEN = 0, feedback resistors disconnected
1
µA
IQ2
Quiescent Current
VEN = 2V
1.4
2
mA
VFB
Feedback Voltage
1.29
1.33
1.37
V
IB
Feedback Input Bias Current
0.10
µA
DMAX
Maximum Duty Cycle
84
90
%
ILIM
Current Limit - Max Peak Input
Current
11.4
A
ISHDN
Shut-down Input Bias Current
1µA
VLBI
LBI Threshold Voltage
180
220
250
mV
VOL-LBO
LBO Output Low
ILBO = 1mA
0.1
0.2
V
ILEAK-LBO
LBO Output Leakage Current
VLBI = 250mV, VLBO = 5V
0.02
2
µA
rDS(ON)
Switch On Resistance
at 12V output
220
m
Ω
ILEAK-SWITCH
Switch Leakage Current
1µA
ΔVOUT/ΔVIN/VOUT Line Regulation
3V < VIN < 6V, VOUT = 12V, no load
0.4
%/V
ΔVOUT/VOUT
Load Regulation
IOUT = 50mA to 150mA
1
%
fOSC-MAX
Maximum Switching Frequency
RT = 49.9kΩ
1200
kHz
fOSC1
Switching Frequency
600
670
750
kHz
VHI_EN
EN Input High Threshold
1.6
V
VLO_EN
EN Input Low Threshold
0.5
V
Pin Descriptions
PIN NUMBER
PIN NAME
PIN FUNCTION
1
PGND
Power ground; connected to the source of internal N-Channel power MOSFET
2
SGND
Signal ground; ground reference for all the control circuitry; needs to have only a single connection to PGND
3
RT
Timing resistor to adjust the oscillation frequency of the converter
4
EN
Chip enable; connects to logic HI (>1.6V) for chip to function
5
LBI
Low battery input; connects to a sensing voltage, or left open if function is not used
6
LBO
Low battery detection output; connected to the open drain of a MOSFET; able to sink 1mA current
7
SS
Soft-start; connects to a capacitor to control the start-up of the converter
8
FB
Voltage feedback input; needs to connect to resistor divider to decide VO
9
VDD
Control circuit positive supply
10
LX
Inductor drive pin; connected to the drain of internal N-Channel power MOSFET
EL7515


Similar Part No. - EL7515IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515IYZ INTERSIL-EL7515IYZ Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515IYZ RENESAS-EL7515IYZ Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7515IYZ-T13 RENESAS-EL7515IYZ-T13 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515IYZ-T7 INTERSIL-EL7515IYZ-T7 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515IYZ-T7 RENESAS-EL7515IYZ-T7 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
More results

Similar Description - EL7515IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com