Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7515IY Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7515IY
Description  High Frequency PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7515IY Datasheet(HTML) 5 Page - Intersil Corporation

  EL7515IY Datasheet HTML 1Page - Intersil Corporation EL7515IY Datasheet HTML 2Page - Intersil Corporation EL7515IY Datasheet HTML 3Page - Intersil Corporation EL7515IY Datasheet HTML 4Page - Intersil Corporation EL7515IY Datasheet HTML 5Page - Intersil Corporation EL7515IY Datasheet HTML 6Page - Intersil Corporation EL7515IY Datasheet HTML 7Page - Intersil Corporation EL7515IY Datasheet HTML 8Page - Intersil Corporation EL7515IY Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN7120.2
August 10, 2007
Typical Performance Curves
FIGURE 1. EFFICIENCY vs IOUT
FIGURE 2. EFFICIENCY vs IOUT
FIGURE 3. EFFICIENCY vs IOUT
FIGURE 4. IDD vs FS
FIGURE 5. FS vs VDD
FIGURE 6. FS vs RT
VIN = 3.3V, VO = 12V
92
90
88
86
84
82
80
78
76
0
50
100
150
200
250
300
350
IOUT (mA)
VIN = 3.3V, VO = 5V
92
90
88
86
84
82
80
0
100
200
300
400
500
600
700
IOUT (mA)
VIN = 5V, VO = 12V
94
92
90
88
86
84
82
80
78
0
100
200
300
400
500
600
IOUT (mA)
VDD = 10V, VO = 12V TO 17V
2.2
2.1
2
1.9
1.8
1.7
1.6
1.5
1.4
650
750
850
950
1050
1150
1250
FS (kHz)
1400
1200
800
400
200
0
56
9
12
VDD (V)
1000
600
710
811
RT = 51.1kΩ
RT = 71.5kΩ
RT = 100kΩ
RT = 200kΩ
VDD = 10V
1400
1200
1000
800
600
400
200
0
50
100
150
200
RT (kΩ)
EL7515


Similar Part No. - EL7515IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515IY INTERSIL-EL7515IY Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515IY RENESAS-EL7515IY Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515IY-T13 INTERSIL-EL7515IY-T13 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515IY-T13 RENESAS-EL7515IY-T13 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7515IY-T7 INTERSIL-EL7515IY-T7 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
More results

Similar Description - EL7515IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com