Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7640 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL7640
Description  TFT-LCD DC/DC with Integrated Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7640 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL7640 Datasheet HTML 6Page - Intersil Corporation EL7640 Datasheet HTML 7Page - Intersil Corporation EL7640 Datasheet HTML 8Page - Intersil Corporation EL7640 Datasheet HTML 9Page - Intersil Corporation EL7640 Datasheet HTML 10Page - Intersil Corporation EL7640 Datasheet HTML 11Page - Intersil Corporation EL7640 Datasheet HTML 12Page - Intersil Corporation EL7640 Datasheet HTML 13Page - Intersil Corporation EL7640 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN7415.2
February 22, 2006
FIGURE 17. BLOCK DIAGRAM
Boost Converter
The main boost converter is a current mode PWM converter
operating at a fixed frequency. The 1.2MHz switching
frequency enables the use of low profile inductor and
multilayer ceramic capacitors, which results in a compact,
low cost power system for LCD panel design.
The boost converter can operate in continuous or
discontinuous inductor current mode. The EL7640, EL7641,
EL7642 are designed for continuous current mode, but they
can also operate in discontinuous current mode at light load.
In continuous current mode, current flows continuously in the
inductor during the entire switching cycle in steady state
operation. The voltage conversion ratio in continuous current
mode is given by:
Where D is the duty cycle of switching MOSFET.
Figure 18 shows the block diagram of the boost controller.
It uses a summing amplifier architecture consisting of GM
stages for voltage feedback, current feedback and slope
compensation. A comparator looks at the peak inductor
current cycle by cycle and terminates the PWM cycle if the
current limit is reached.
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current
drawn by the resistor network should be limited to maintain
the overall converter efficiency. The maximum value of the
resistor network is limited by the feedback input bias current
and the potential for noise being coupled into the feedback
pin. A resistor network in the order of 60k
Ω is recommended.
The boost converter output voltage is determined by the
following equation:
Σ
PWM
LOGIC
CONTROLLER
BUFFER
OSCILLATOR
SLOPE
COMPENSATION
OSC
REFERENCE
GENERATOR
VREF
GM
AMPLIFIER
UVLO
COMPARATOR
VOLTAGE
AMPLIFIER
CURRENT
AMPLIFIER
THERMAL
SHUTDOWN
SS
+
-
UVLO
COMPARATOR
BUFFER
UVLO
COMPARATOR
SS
+
-
SHUTDOWN
& START-UP
CONTROL
BUFFER
FBP
DRVP
FBB
CINT
DRVN
FBN
0.4V
0.2V
VREF
COMP
CURRENT
LIMIT COMPARATOR
CURRENT REF
PGND
LX
V
BOOST
V
IN
------------------------
1
1D
-------------
=
V
BOOST
R
1
R
2
+
R
1
--------------------- V
REF
×
=
EL7640, EL7641, EL7642


Similar Part No. - EL7640

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7640AILTZ INTERSIL-EL7640AILTZ Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results

Similar Description - EL7640

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Intersil Corporation
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
ISL78020ANZ INTERSIL-ISL78020ANZ Datasheet
347Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com