Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5375IUZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5375IUZ-T7
Description  550MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5375IUZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5375IUZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5375IUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN7306.6
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, VIN = 0V, RL = 500Ω, RF = 0, RG = OPEN, CL = 2.7pF, Unless Otherwise
Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV =1, CL = 2.7pF
550
MHz
AV =2, RF = 806, CL = 2.7pF
190
MHz
AV =10, RF = 806, CL = 2.7pF
20
MHz
BW
± 0.1dB Bandwidth
AV =1, CL = 2.7pF
60
MHz
SR
Slew Rate
VOUT = 3VP-P, 20% to 80%, RL = 100Ω
600
V/µs
VOUT = 3VP-P, 20% to 80%, RL = 500Ω
900
V/µs
tSTL
Settling Time to 0.1%
VOUT = 2VP-P
10
ns
tOVR
Output Overdrive Recovery time
20
ns
GBWP
Gain Bandwidth Product
200
MHz
VREFBW (-3dB) VREF -3dB Bandwidth
AV =1, CL = 2.7pF
450
MHz
VREFSR
VREF Slew Rate
VOUT = 2VP-P, 20% to 80%
1000
V/µs
VN
Input Voltage Noise
at f = 10kHz
21
nV/
√Hz
IN
Input Current Noise
at f = 10kHz
2.7
pA/
√Hz
HD2
Second Harmonic Distortion
VOUT = 1VP-P, 5MHz
-70
dBc
HD2
Second Harmonic Distortion
VOUT = 1VP-P, 5MHz
-66
dBc
HD3
Third Harmonic Distortion
VOUT = 1VP-P, 5MHz
-94
dBc
HD3
Third Harmonic Distortion
VOUT = 1VP-P, 5MHz
-84
dBc
dG
Differential Gain at 3.58MHz
RL = 150Ω , AV =2
0.1
%
d
θ
Differential Phase at 3.58MHz
RL = 150Ω , AV =2
0.1
°
eS
Channel Separation (EL5375)
at f = 100kHz
90
dB
INPUT CHARACTERISTICS
VOS
Input Referred Offset Voltage
EL5175
-3
±40
mV
EL5375
-3
±30
mV
IIN
Input Bias Current (VIN, VINB, VREF)
-25
-12.5
-6
µA
RIN
Differential Input Resistance
150
k
Ω
CIN
Differential Input Capacitance
1pF
DMIR
Differential Mode Input Range
±2.1
±2.3
±2.5
V
CMIR
Common Mode Input Range at VIN+,
VIN-
-4.3
+3.3
V
VREFIN
Reference Input Voltage Range
VIN+ = VIN- = 0V
-3.6
3.3
V
EL5175, EL5375


Similar Part No. - EL5375IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5375IUZ INTERSIL-EL5375IUZ Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5375IUZ RENESAS-EL5375IUZ Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
More results

Similar Description - EL5375IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175 INTERSIL-EL5175 Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175 RENESAS-EL5175 Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com