Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8100 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL8100
Description  200MHz Rail-to-Rail Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8100 Datasheet(HTML) 5 Page - Intersil Corporation

  EL8100 Datasheet HTML 1Page - Intersil Corporation EL8100 Datasheet HTML 2Page - Intersil Corporation EL8100 Datasheet HTML 3Page - Intersil Corporation EL8100 Datasheet HTML 4Page - Intersil Corporation EL8100 Datasheet HTML 5Page - Intersil Corporation EL8100 Datasheet HTML 6Page - Intersil Corporation EL8100 Datasheet HTML 7Page - Intersil Corporation EL8100 Datasheet HTML 8Page - Intersil Corporation EL8100 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN7103.8
August 10, 2007
FIGURE 5. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 6. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 7. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS RF AND RG
FIGURE 8. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 9. COMMON-MODE REJECTION RATIO vs
FREQUENCY
FIGURE 10. SMALL SIGNAL BANDWIDTH vs SUPPLY
VOLTAGE
Typical Performance Curves (Continued)
5
3
1
-1
-3
-5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS = 5V
AV = 1
RL = 1kΩ
VOP-P = 200mV
CL = 15pF
CL = 1.5pF
CL = 11.5pF
CL = 8.3pF
CL = 5pF
10
8
6
4
2
0
100k
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 15pF
CL = 5pF
CL = 56pF
CL = 35pF
VS = 5V
AV = 2
RL = 1kΩ
RF = RG = 1kΩ
10
8
6
4
2
0
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS = 5V
AV = 2
RL = 1kΩ
CL = 5pF
RF = RG = 2kΩ
RF = RG = 500Ω
RF = RG = 1kΩ
110
70
30
-10
-50
-90
1k
10k
1M
100M
1G
FREQUENCY (Hz)
RL = 1kΩ
-45
405
315
225
135
45
100k
10M
RL = 150Ω
RL = 150Ω
RL = 1kΩ
-10
-30
-50
-70
-90
-110
100k
1M
10M
100M
FREQUENCY (Hz)
230
170
130
210
70
50
3.03.5
4.55.0
5.5
VS (V)
RL = 1kΩ
CL = 5pF
AV = 1
AV = 2
190
110
90
150
4.0
EL8100, EL8101


Similar Part No. - EL8100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100 INTERSIL-EL8100 Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
More results

Similar Description - EL8100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com