Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5378IUZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5378IUZ-T7
Description  700MHz Differential Twisted-Pair Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5378IUZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5378IUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 13Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 14Page - Intersil Corporation EL5378IUZ-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Connection Diagrams
EL5178
EL5378
1
2
3
4
8
7
6
5
FBP
INP
REF
FBN
OUT
VSN
VSP
OUTB
RF1
422
Ω
RF2
422
Ω
RG
845
Ω
RS2
50
Ω
RS2
50
Ω
IN+
REF
CL2
5pF
RLD
1k
Ω
CL1
5pF
-5V
+5V
OUT
OUTB
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
NC
INP1
INN1
REF1
OUT1
FBP1
FBN1
OUT1B
NC
INP2
INN2
REF2
VSP
VSN
OUT2
FBP2
NC
INP3
INN3
REF3
FBN2
OUT2B
OUT3
FBP3
NC
EN
FBN3
OUT3B
-5V
+5V
RSR3
50
Ω
RSN3
50
Ω
RSP3
50
Ω
RSR2
50
Ω
RSN2
50
Ω
RSP2
50
Ω
RSR1
50
Ω
RSN1
50
Ω
RSP1
50
Ω
ENABLE
CL1
5pF
CL1B
5pF
CL2
5pF
CL2B
5pF
CL3
5pF
CL3B
5pF
RG
845
Ω
RF
422
Ω
RF
422
Ω
RG
845
Ω
RF
422
Ω
RF
422
Ω
RG
845
Ω
RF
422
Ω
RF
422
Ω
RLD1
1k
Ω
RLD2
1k
Ω
RLD3
1k
Ω
INP1
INN1
REF1
INP2
INN2
REF2
INP3
INN3
REF3


Similar Part No. - EL5378IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5378IUZ RENESAS-EL5378IUZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5378IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com