Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5378IU-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5378IU-T13
Description  700MHz Differential Twisted-Pair Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5378IU-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5378IU-T13 Datasheet HTML 1Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 2Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 3Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 4Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 5Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5378IU-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN7491.3
May 16, 2007
CMIR+
Common Mode Positive Input Range at
VIN+, VIN- (EL5378)
3.1
3.4
V
CMIR-
Common Mode Negative Input Range at
VIN+, VIN- (EL5378)
-4.4
-4.1
V
VREFIN +
Positive Reference Input Voltage Range
(EL5378)
VIN+ = VIN- = 0V
3.2
3.7
V
VREFIN -
Negative Reference Input Voltage Range
(EL5378)
VIN+ = VIN- = 0V
-3.3
-3.2
V
VREFOS
Output Offset Relative to VREF (EL5378)
±50
±100
mV
CMRR
Input Common Mode Rejection Ratio
VIN = ±2.5V
65
78
dB
OUTPUT CHARACTERISTICS
VOUT
Output Voltage Swing
RL = 1kΩ
±3.4
±3.7
V
IOUT(Max)
Maximum Output Current
RL = 10Ω, VIN+ = ±3.2V
±50
±60
±100
mA
ROUT
Output Impedance
130
m
Ω
SUPPLY
VSUPPLY
Supply Operating Range
VS+ to VS-4.75
11
V
IS(ON)
Power Supply Current - Per Channel
10
12.5
14
mA
IS(OFF)+
Positive Power Supply Current - Disabled
(EL5378)
EN pin tied to 4.8V
1.7
10
µA
IS(OFF)-
Negative Power Supply Current - Disabled
(EL5378)
-200
-120
µA
PSRR
Power Supply Rejection Ratio
VS from ±4.5V to ±5.5V
60
75
dB
ENABLE (EL5378 ONLY)
tEN
Enable Time
130
ns
tDS
Disable Time
1.2
µs
VIH
EN Pin Voltage for Power-Up
VS+ -1.5
V
VIL
EN Pin Voltage for Shut-Down
VS+ -0.5
V
IIH-EN
EN Pin Input Current High
At VEN = 5V
123
200
µA
IIL-EN
EN Pin Input Current Low
At VEN = 0V
-20
-8
µA
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, VIN = 0V, RLD = 1kΩ, CLD = 2.7pF, [RF = 604Ω, RG = 402Ω (EL5178)],
[RF = 402Ω, RG = 274Ω (EL5378)], unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5178, EL5378


Similar Part No. - EL5378IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5378IU INTERSIL-EL5378IU Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5378IUZ RENESAS-EL5378IUZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5378IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com