Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5177IYZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5177IYZ-T7
Description  550MHz Differential Twisted-Pair Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5177IYZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5177IYZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5177IYZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN7344.4
May 10, 2007
VREFIN-
Negative Reference Input Voltage Range VIN+ = VIN- = 0V
-3.3
-3
V
VREFOS
Output Offset Relative to VREF
±50
±100
mV
CMRR
Input Common Mode Rejection Ratio
VIN = ±2.5V
65
78
dB
Gain
Gain Accuracy
VIN = 1V
0.980
0.995
1.010
V
OUTPUT CHARACTERISTICS
VOUT
Output Voltage Swing
RL = 500Ω to GND
±3.6
±3.8
V
IOUT+(Max)
Maximum Source Output Current
RL = 10Ω,
VIN+ = 1.1V,
VIN- = -1.1V,
VREF = 0
35
50
mA
IOUT-(Max)
Maximum Sink Output Current
-40
-30
mA
ROUT
Output Impedance
130
m
Ω
SUPPLY
VSUPPLY
Supply Operating Range
VS+ to VS-4.75
11
V
IS(ON)
Power Supply Current - Per Channel
10
12.5
14
mA
IS(OFF)+
Positive Power Supply Current - Disabled EN pin tied to 4.8V
76
120
µA
IS(OFF)-
Negative Power Supply Current -
Disabled
-200
-120
µA
PSRR
Power Supply Rejection Ratio
VS from ±4.5V to ±5.5V
60
75
dB
ENABLE
tEN
Enable Time
130
ns
tDS
Disable Time
1.2
µs
VIH
EN Pin Voltage for Power-Up
VS+ -
1.5
V
VIL
EN Pin Voltage for Shut-Down
VS+ -
0.5
V
IIH-EN
EN Pin Input Current High
At VEN = 5V
40
50
µA
IIL-EN
EN Pin Input Current Low
At VEN = 0V
-6
-2.5
µA
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, VIN = 0V, RLD = 1kΩ, RF = 0, RG = OPEN, CLD = 2.7pF, Unless Otherwise
Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
FBP
Non-inverting feedback input; resistor RF1 must be connected from this pin to VOUT
2
IN+
Non-inverting input
3
REF
Output common-mode control; the common-mode voltage of VOUT will follow the voltage on this pin
4
IN-
Inverting input
5
FBN
Inverting feedback input; resistor RF2 must be connected from this pin to VOUT
6
OUT-
Inverting output
7EN
Enabled when this pin is floating or the applied voltage
≤ V
S+ -1.5
8
VS+
Positive supply
9
VS-
Negative supply
10
OUT+
Non-inverting output
EL5177


Similar Part No. - EL5177IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177IYZ-T7 INTERSIL-EL5177IYZ-T7 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
More results

Similar Description - EL5177IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5174 INTERSIL-EL5174 Datasheet
563Kb / 15P
   550MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5174 RENESAS-EL5174 Datasheet
774Kb / 15P
   550MHz Differential Twisted-Pair Drivers
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com