Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5173 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5173
Description  450MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5173 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5173 Datasheet HTML 1Page - Intersil Corporation EL5173 Datasheet HTML 2Page - Intersil Corporation EL5173 Datasheet HTML 3Page - Intersil Corporation EL5173 Datasheet HTML 4Page - Intersil Corporation EL5173 Datasheet HTML 5Page - Intersil Corporation EL5173 Datasheet HTML 6Page - Intersil Corporation EL5173 Datasheet HTML 7Page - Intersil Corporation EL5173 Datasheet HTML 8Page - Intersil Corporation EL5173 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7312.7
February 4, 2008
CMIR-
Common Mode Negative Input Range at
VIN+, VIN-
-4.5
-4.2
V
VREFIN+
Reference Input - Positive
VIN+ = VIN- = 0V
3.3
3.7
V
VREFIN-
Reference Input - Negative
VIN+ = VIN- = 0V
-3.3
-3
V
VREFOS
Output Offset Relative to VREF
-100
50
+100
mV
CMRR
Input Common Mode Rejection Ratio
VIN = ±2.5V
60
80
dB
OUTPUT CHARACTERISTICS
VOUT
(EL5173)
Positive Output Voltage Swing
RLD = 200Ω
3.3
3.67
V
Negative Output Voltage Swing
-3.3
-3
V
VOUT
(EL5373)
Positive Output Voltage Swing
RLD = 200Ω
3.7
4
V
Negative Output Voltage Swing
-3.7
-3.4
V
IOUT(Max)
Maximum Output Current
RL = 10Ω (EL5173)
±45
±55
mA
RL = 10Ω (EL5373)
±40
±50
mA
ROUT
Output Impedance
60
m
Ω
SUPPLY
VSUPPLY
Supply Operating Range
VS+ to VS-4.75
11
V
IS(ON)
Power Supply Current - Per Channel
9
12
14
mA
IS(OFF)+ (EL5173) Positive Power Supply Current - Disabled EN pin tied to 4.8V
60
80
100
µA
IS(OFF)- (EL5173) Negative Power Supply Current - Disabled
-150
-120
-90
µA
IS(OFF)+ (EL5373) Positive Power Supply Current - Disabled EN pin tied to 4.8V
0.5
2
10
µA
IS(OFF)- (EL5373) Negative Power Supply Current - Disabled
-150
-120
-90
µA
PSRR
Power Supply Rejection Ratio
VS from ±4.5V to ±5.5V
60
73
dB
ENABLE
tEN
Enable Time
100
ns
tDS
Disable Time
1.2
µs
VIH
EN Pin Voltage for Power-Up
VS+ - 1.5
V
VIL
EN Pin Voltage for Shut-Down
VS+ - 0.5
V
IIH-EN
EN Pin Input Current High - Per Channel
At VEN = 5V
40
60
µA
IIL-EN
EN Pin Input Current Low - Per Channel
At VEN = 0V
-5
-2.5
µA
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, VIN = 0V, RLD = 200Ω, CLD = 1pF, Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5173, EL5373


Similar Part No. - EL5173

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173 INTERSIL-EL5173 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173IS INTERSIL-EL5173IS Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173IS INTERSIL-EL5173IS Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5173

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com