Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR287MTD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR287MTD
Description  3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR287MTD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS90CR287MTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 9Page - National Semiconductor (TI) DS90CR287MTD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AC Timing Diagrams (Continued)
10108703
10108704
FIGURE 2. DS90CR287 (Transmitter) LVDS Output Load and Transition Times
10108705
10108706
FIGURE 3. DS90CR288A (Receiver) CMOS/TTL Output Load and Transition Times
10108707
FIGURE 4. DS90CR287 (Transmitter) Input Clock Transition Time
10108709
FIGURE 5. DS90CR287 (Transmitter) Setup/Hold and High/Low Times
www.national.com
6


Similar Part No. - DS90CR287MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR287MTD NSC-DS90CR287MTD Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR287MTD NSC-DS90CR287MTD Datasheet
229Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link Receiver - 75 MHz
logo
Texas Instruments
DS90CR287MTD TI1-DS90CR287MTD Datasheet
1Mb / 24P
[Old version datasheet]   DS90CR287/DS90CR288A 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link - 85MHz
DS90CR287MTD/NOPB TI1-DS90CR287MTD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   DS90CR287/DS90CR288A 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link - 85MHz
DS90CR287MTDX TI1-DS90CR287MTDX Datasheet
1Mb / 24P
[Old version datasheet]   DS90CR287/DS90CR288A 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link - 85MHz
More results

Similar Description - DS90CR287MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
National Semiconductor ...
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR288 NSC-DS90CR288 Datasheet
229Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link Receiver - 75 MHz
DS90CR218A NSC-DS90CR218A_06 Datasheet
614Kb / 11P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com