Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5451ISZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5451ISZ-T13
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5451ISZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5451ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5451ISZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN7384.7
January 16, 2008
FIGURE 3. EL5150 GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 4. EL5150 GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 5. EL5150 GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 6. EL5150 GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 7. EL5150 GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 8. EL5150 GAIN vs FREQUENCY FOR VARIOUS CL
Typical Performance Curves (Continued)
100k
1G
1M
10M
100M
5
3
1
-1
-3
-5
FREQUENCY (Hz)
AV = +1
CL= 5pF
RL = 100Ω
RL = 500Ω
RL = 300Ω
RL = 200Ω
0.1
100
110
5
3
1
-1
-3
-5
FREQUENCY (Hz)
VS = ±5V
AV = +2
RF = RG = 402Ω
RL = 1kΩ
RL = 100Ω
RL = 150Ω
RL = 500Ω
100k
1M
10M
100M
4
2
0
-2
-4
-6
FREQUENCY (Hz)
AV = +5
RF = 1.5kΩ
CL = 5pF
RL = 500Ω
RL = 100Ω
RL = 200Ω
RL = 400Ω
100k
1M
10M
100M
5
3
1
-1
-3
-5
FREQUENCY (Hz)
AV = +1
RL = 500Ω
300M
CL = 15pF
CL = 0pF
CL = 3.9pF
CL = 8.2pF
100k
100M
1M
10M
5
3
1
-1
-3
-5
FREQUENCY (Hz)
AV = +2
RL = 500Ω
RF = RG = 400Ω
CL = 68pF
CL = 0pF
CL = 47pF
CL = 22pF
100k
30M
1M
10M
5
3
1
-1
-3
-5
FREQUENCY (Hz)
AV = +5
RF = 1.5kΩ
RL = 500Ω
CL = 82pF
CL = 0pF
CL = 15pF
CL = 47pF
CL = 68pF
EL5150, EL5151, EL5250, EL5251, EL5451


Similar Part No. - EL5451ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5451ISZ-T13 INTERSIL-EL5451ISZ-T13 Datasheet
726Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5451ISZ-T13 RENESAS-EL5451ISZ-T13 Datasheet
890Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5451ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250 INTERSIL-EL5250 Datasheet
630Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_06 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com