Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR218AMTD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR218AMTD
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR218AMTD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CR218AMTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (Figure 2)
2.0
3.5
ns
CHLT
CMOS/TTL High-to-Low Transition Time (Figure 2)
1.8
3.5
ns
RSPos0
Receiver Input Strobe Position for Bit 0 (Figure 8)
f = 85 MHz
0.49
0.84
1.19
ns
RSPos1
Receiver Input Strobe Position for Bit 1
2.17
2.52
2.87
ns
RSPos2
Receiver Input Strobe Position for Bit 2
3.85
4.20
4.55
ns
RSPos3
Receiver Input Strobe Position for Bit 3
5.53
5.88
6.23
ns
RSPos4
Receiver Input Strobe Position for Bit 4
7.21
7.56
7.91
ns
RSPos5
Receiver Input Strobe Position for Bit 5
8.89
9.24
9.59
ns
RSPos6
Receiver Input Strobe Position for Bit 6
10.57
10.92
11.27
ns
RSKM
RxIN Skew Margin (Note 4) (Figure 9)
f = 85 MHz
0.49
ns
f = 12MHz
2.01
ns
RCOP
RxCLK OUT Period (Figure 3)
11.76
T
83.33
ns
RCOH
RxCLK OUT High Time (Figure 3)
f = 85 MHz
4
5
6.5
ns
RCOL
RxCLK OUT Low Time (Figure 3)
3.5
5
6
ns
RSRC
RxOUT Setup to RxCLK OUT (Figure 3)
3.5
ns
RHRC
RxOUT Hold to RxCLK OUT (Figure 3)
3.5
ns
RCCD
RxCLK IN to RxCLK OUT Delay @ 25˚C, V
CC = 3.3V (Note 5)(Figure 4)
5.5
7
9.5
ns
RPLLS
Receiver Phase Lock Loop Set (Figure 5)10
ms
RPDD
Receiver Powerdown Delay (Figure 7)1
µs
Note 4: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account the receiver input setup and hold
time (internal data sampling window). This margin do not take into account the Transmitter Pulse Position (TPPOS) variance and is measured using the ideal
TPPOS. This margin allows LVDS interconnect skew, inter-symbol interference (both dependent on type/length of cable), Transmitter Pulse Position (TPPOS)
variance, and source clock jitter less than 250 ps.
Note 5: Total latency for the channel link chipset is a function of clock period and gate delays through the transmitter (TCCD) and receiver (RCCD). The total latency
for the 217/287 transmitter and 218A/288A receiver is: (T + TCCD) + (2*T + RCCD), where T = Clock period.
AC Timing Diagrams
10108002
FIGURE 1. “Worst Case” Test Pattern
www.national.com
4


Similar Part No. - DS90CR218AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR218AMTD NSC-DS90CR218AMTD Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR218AMTD/NOPB TI1-DS90CR218AMTD/NOPB Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
DS90CR218AMTDX/NOPB TI1-DS90CR218AMTDX/NOPB Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
More results

Similar Description - DS90CR218AMTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR218A TI1-DS90CR218A_14 Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
National Semiconductor ...
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
National Semiconductor ...
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR287 NSC-DS90CR287_04 Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com