Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5191CW-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5191CW-T7
Description  1GHz Current Feedback Amplifier with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191CW-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5191CW-T7 Datasheet HTML 1Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 2Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 3Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 4Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 5Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 6Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 7Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 8Page - Intersil Corporation EL5191CW-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN7180.3
May 16, 2007
Typical Performance Curves
Non-Inverting Frequency Response (Phase)
1M
10M
100M
1G
Frequency (Hz)
90
0
-90
-180
-270
-360
AV = 2
AV = 5
AV
AV = 1
Inverting Frequency Response (Gain)
SOT-23 Package
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
RF = 250Ω
RL = 150Ω
AV=-2
AV=-5
AV=-1
Inverting Frequency Response (Phase)
1M
10M
100M
1G
Frequency (Hz)
90
0
-90
-180
-270
-360
RF = 250Ω
RL = 150Ω
AV = -2
AV = -5
AV = -1
Non-Inverting Frequency Response (Gain)
SOT-23 Package
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
AV = 2
AV = 5
AV = 10
AV = 1
Frequency Response for Various CIN-
1M
10M
1G
Frequency (Hz)
10
6
2
-2
-6
-10
0pF added
2pF added
1pF added
100M
AV = 2
RF = 250Ω
RL = 150Ω
Frequency Response for Various RL
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
AV = 2
RF = 250Ω
RL = 100Ω
RL = 150Ω
RL = 500Ω
RF = 390Ω
RL = 150Ω
Non-Inverting Frequency Response (Phase)
1M
10M
100M
1G
Frequency (Hz)
90
0
-90
-180
-270
-360
AV = 2
AV = 5
AV = 10
AV = 1
RF = 390Ω
RL = 150Ω
EL5191, EL5191A


Similar Part No. - EL5191CW-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5191CW-T7 ELANTEC-EL5191CW-T7 Datasheet
369Kb / 17P
   1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5191CW-T7 INTERSIL-EL5191CW-T7 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
EL5191CW-T7A INTERSIL-EL5191CW-T7A Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5191CW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
   1GHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
   1GHz Triple Current Feedback Amplifier
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com