Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5451IS-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5451IS-T13
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5451IS-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5451IS-T13 Datasheet HTML 1Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 2Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5451IS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN7384.7
January 16, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS and VS- . . . . . . . . . . . . . . . . . . . . 13.2V
Slewrate of Voltage between VS and VS- . . . . . . . . . . . . . . . . 1V/µs
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.5V to VS + 0.5V
Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 150Ω, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω
200
MHz
AV = +2, RL = 150Ω
40
MHz
GBWP
Gain Bandwidth Product
AV = 500
40
MHz
BW1
0.1dB Bandwidth
AV = +1, RL = 500Ω
10
MHz
SR
Slew Rate
VO = ±2.5V, AV = +2
50
67
V/µs
VO = ±3.0V, AV = 1, RL = 500Ω
100
V/µs
tS
0.1% Settling Time
VOUT = -1V to +1V, AV = -2
80
ns
dG
Differential Gain Error (Note 1)
AV = +2, RL = 150Ω
0.04
%
dP
Differential Phase Error (Note 1)
AV = +2, RL = 150Ω
0.9
°
VN
Input Referred Voltage Noise
12
nV/
√Hz
IN
Input Referred Current Noise
1.0
pA/
√Hz
DC PERFORMANCE
VOS
Offset Voltage
-1
0.5
1
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
-2
µV/°C
AVOL
Open Loop Gain
15
56
kV/V
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
-3.5
+3.5
V
CMRR
Common Mode Rejection Ratio
85
100
dB
IB
Input Bias Current
-100
20
+100
nA
IOS
Input Offset Current
-30
6
30
nA
RIN
Input Resistance
80
170
M
Ω
CIN
Input Capacitance
1pF
OUTPUT CHARACTERISTICS
VOUT
Output Voltage Swing Low
RL = 150Ω to GND
±2.5
±2.8
V
RL = 500Ω to GND
±3.1
±3.4
V
IOUT
Output Current
RL = 10Ω to GND
±40
±70
mA
EL5150, EL5151, EL5250, EL5251, EL5451


Similar Part No. - EL5451IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5451IS-T13 INTERSIL-EL5451IS-T13 Datasheet
630Kb / 18P
   200MHz Amplifiers
EL5451IS-T13 INTERSIL-EL5451IS-T13 Datasheet
726Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5451IS-T13 RENESAS-EL5451IS-T13 Datasheet
890Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5451IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250 INTERSIL-EL5250 Datasheet
630Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_06 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com