Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5197ACS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5197ACS
Description  Single 200MHz Fixed Gain Amplifier with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5197ACS Datasheet(HTML) 2 Page - Intersil Corporation

  EL5197ACS Datasheet HTML 1Page - Intersil Corporation EL5197ACS Datasheet HTML 2Page - Intersil Corporation EL5197ACS Datasheet HTML 3Page - Intersil Corporation EL5197ACS Datasheet HTML 4Page - Intersil Corporation EL5197ACS Datasheet HTML 5Page - Intersil Corporation EL5197ACS Datasheet HTML 6Page - Intersil Corporation EL5197ACS Datasheet HTML 7Page - Intersil Corporation EL5197ACS Datasheet HTML 8Page - Intersil Corporation EL5197ACS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN7184.2
May 16, 2007
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5197CW-T7
S
7” (3k pcs)
5 Ld SOT-23
MDP0038
EL5197CW-T7A
S
7” (250 pcs)
5 Ld SOT-23
MDP0038
EL5197ACW-T7
S
7”
6 Ld SOT-23
MDP0038
EL5197ACS
5197ACS
-
8 Ld SOIC (150 mil)
MDP0027
EL5197ACS-T7
5197ACS
7”
8 Ld SOIC (150 mil)
MDP0027
EL5197ACS-T13
5197ACS
13”
8 Ld SOIC (150 mil)
MDP0027
EL5197ACSZ
(Note)
5197ACS Z
-
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5197ACSZ-T7
(Note)
5197ACS Z
7”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5197ACSZ-T13
(Note)
5197ACS Z
13”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5197, EL5197A


Similar Part No. - EL5197ACS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5197ACS INTERSIL-EL5197ACS Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197ACS ELANTEC-EL5197ACS Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197ACS-T13 INTERSIL-EL5197ACS-T13 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197ACS-T13 ELANTEC-EL5197ACS-T13 Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197ACS-T7 INTERSIL-EL5197ACS-T7 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5197ACS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com