Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6452 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6452
Description  DUAL 13X16 MATRIX HEAD INK JET DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 2Page - STMicroelectronics L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vc
Power line supply voltage
14
V
Vr
Address line supply voltage
14
V
Va
Analog supply voltage
14
V
Vdd
Logic supply voltage
6
V
Vstep_up
Driving voltage of power DMOS stage
28
V
Vin
Logic input voltage range
-0.3 to Vdd+0.3
V
Iout
Output continuous current
0.5
A
Tj
Junction temperature
150
°C
Tamb
Operating temperature range
0 to 70
°C
Tstg
Storage temperature range
-55 to 150
°C
DC ELECTRICAL CHARACTERISTICS (Tj =25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vc
Power Line Supply voltage
*
10.5 **
11.5
12.5
V
Vr
Address line supply voltage
*
10.5
11.5
12.5
V
Va
Analog supply voltage
*
10.5
11.5
12.5
V
Vdd
Logic supply voltage
4.5
5
5.5
V
Ics
Vc sleep supply current
ONenable = 1
Reset = 0
1mA
Irs
Vr sleep supply current
0.3
mA
Ias
Va sleep supply current
3
mA
Ic
Vc supply current
1.5
mA
Ir
Vr supply current
0.6
mA
Ia
Va supply current
IRext = 3mA
13
mA
Idd
Vdd supply current
sleep or normal condition
5
mA
Vref
Reference Voltage
Tamb = 5 to 55
°C
4.85
5
5.15
V
Irefext
Reference current (external)
7
mA
Icss
Programmed constant current
Iccs
=
Vref
2Rext
⋅ 4
12
13.5
mA
∆Icss/Icss
Constant current regulation
Va =11V
Tamb = 5 to 55
°C
0.33
%
Vampout
Output voltage of integrated
amplifier
e ***
Va-1
V
Vcm
Operating input voltage at pins
Vxa and Vxb
Vref = 5V g1=1.2
g2=3
7
V
g1
Amp. A1 Voltage gain
1.188
1.2
1.212
g2
Amp.A2 Voltage gain
2.95
3.02
3.10
Vstep-up
Driving Voltage of power DMOS
Vc +11
V
* the three supply voltage are independent inside the specified value;
** the Min value for Vc Power line could be decreased up to 9V (under evaluation);
*** e = 2
⋅ Vstep
A/D CONVERTER
V A/D in
A/D input voltage
Selected Channel:
CH1toCH5
Selected Ch=CH0
0
e ***
Vref
Vref
V
V
I exch
A/D input current
Input CH1 to CH5 Channel
selected or not
±1
µA
OFFSET VOLTAGE GENERATION / DAC
Voffset
Offset Voltage
Vref = 5V
2.5+ e***
7.34
V
Vstep
Voltage increment (1LSB)
Vref = 5V
156
mV
Kdac
Voffset/Vref
Any step N>=4
±3%
L6452
6/16


Similar Part No. - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452 Datasheet
259Kb / 22P
   Dual 13x16 Matrix Head Ink Jet Driver
L6452DIE8 STMICROELECTRONICS-L6452DIE8 Datasheet
259Kb / 22P
   Dual 13x16 Matrix Head Ink Jet Driver
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
   Dual 13x16 Matrix Head Ink Jet Driver
More results

Similar Description - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
   Dual 13x16 Matrix Head Ink Jet Driver
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
   28 CHANNEL INK JET DRIVER
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
   28 CHANNEL INK JET DRIVER
May 1995
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
   System Driver for Ink Jet Printers
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
   OPTIMUM LASER/INK JET
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
   OPTUMUM LASER INK-JET LABELS
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
   Laser/Ink Jet Self-Laminating Labels
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
C200X100FJJ PANDUIT-C200X100FJJ Datasheet
43Kb / 1P
   OPTIMUM LASER INK-JET LABELS 2.000 X 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com