Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C402 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C402
Description  Dual Low Voltage Differential Signaling (LVDS) Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C402 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C402 Datasheet HTML 1Page - National Semiconductor (TI) DS90C402 Datasheet HTML 2Page - National Semiconductor (TI) DS90C402 Datasheet HTML 3Page - National Semiconductor (TI) DS90C402 Datasheet HTML 4Page - National Semiconductor (TI) DS90C402 Datasheet HTML 5Page - National Semiconductor (TI) DS90C402 Datasheet HTML 6Page - National Semiconductor (TI) DS90C402 Datasheet HTML 7Page - National Semiconductor (TI) DS90C402 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS90C402
Dual Low Voltage Differential Signaling (LVDS) Receiver
General Description
The DS90C402 is a dual receiver device optimized for high
data rate and low power applications. This device along with
the DS90C401 provides a pair chip solution for a dual high
speed point-to-point interface. The device is in a PCB space
saving 8 lead small outline package. The receiver offers
±100 mV threshold sensitivity, in addition to common-mode
noise protection.
Features
n
Ultra Low Power Dissipation
n
Operates above 155.5 Mbps
n
Standard TIA/EIA-644
n
8 Lead SOIC Package saves PCB space
n
V
CM ±1V center around 1.2V
n
±100 mV Receiver Sensitivity
Connection Diagram
10000601
Order Number DS90C402M
See NS Package Number M08A
Functional Diagram
10000602
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
August 2005
© 2005 National Semiconductor Corporation
DS100006
www.national.com


Similar Part No. - DS90C402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C402M NSC-DS90C402M Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402M TI1-DS90C402M Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C402M/NOPB TI1-DS90C402M/NOPB Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C402MX TI1-DS90C402MX Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
More results

Similar Description - DS90C402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C401 NSC-DS90C401 Datasheet
650Kb / 11P
   Dual Low Voltage Differential Signaling (LVDS) Driver
logo
Texas Instruments
DS90C401MX TI-DS90C401MX Datasheet
955Kb / 17P
[Old version datasheet]   DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
   Low Voltage Differential Signaling Oscillators
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com