Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C402 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C402
Description  Dual Low Voltage Differential Signaling (LVDS) Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C402 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90C402_05 Datasheet HTML 1Page - National Semiconductor (TI) DS90C402_05 Datasheet HTML 2Page - National Semiconductor (TI) DS90C402_05 Datasheet HTML 3Page - National Semiconductor (TI) DS90C402_05 Datasheet HTML 4Page - National Semiconductor (TI) DS90C402_05 Datasheet HTML 5Page - National Semiconductor (TI) DS90C402_05 Datasheet HTML 6Page - National Semiconductor (TI) DS90C402_05 Datasheet HTML 7Page - National Semiconductor (TI) DS90C402_05 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Applications Information (Continued)
1.
Open Input Pins. The DS90C402 is a dual receiver
device, and if an application requires only one receiver,
the unused channel(s) inputs should be left OPEN. Do
not tie unused receiver inputs to ground or any other
voltages. The input is biased by internal high value pull
up and pull down resistors to set the output to a HIGH
state. This internal circuitry will guarantee a HIGH,
stable output state for open inputs.
2.
Terminated Input. If the driver is disconnected (cable
unplugged), or if the driver is in a power-off condition,
the receiver output will again be in a HIGH state, even
with the end of cable 100
Ω termination resistor across
the input pins. The unplugged cable can become a
floating antenna which can pick up noise. If the cable
picks up more than 10mV of differential noise, the re-
ceiver may see the noise as a valid signal and switch. To
insure that any noise is seen as common-mode and not
differential, a balanced interconnect should be used.
Twisted pair cable will offer better balance than flat
ribbon cable
3.
Shorted Inputs. If a fault condition occurs that shorts
the receiver inputs together, thus resulting in a 0V differ-
ential input voltage, the receiver output will remain in a
HIGH state. Shorted input fail-safe is not supported
across the common-mode range of the device (GND to
2.4V). It is only supported with inputs shorted and no
external common-mode voltage applied.
Pin Descriptions
Pin No.
Name
Description
2, 6
R
OUT
Receiver output pin
3, 7
R
IN+
Positive receiver input pin
4, 8
R
IN-
Negative receiver input pin
5
GND
Ground pin
1V
CC
Positive power supply pin,
+5V ± 10%
Ordering Information
Operating
Temperature
Package Type/
Number
Order Number
−40˚C to +85˚C
SOP/M08A
DS90C402M
RECEIVE MODE
R
IN+ −RIN−
R
OUT
> +100 mV
H
< −100 mV
L
100 mV > & > −100 mV
X
H = Logic High Level
L = Logic Low level
X = Indeterminant State
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given for: VCC = +5.0V, TA = +25˚C.
Note 4: Generator waveform for all tests unless otherwise specified:f=1 MHz, ZO =50Ω,tr and tf (0%–100%) ≤ 1 ns for RIN.
Note 5: Channel-to-Channel Skew is defined as the difference between the propagation delay of one channel and that of the others on the same chip with an event
on the inputs.
Note 6: Chip to Chip Skew is defined as the difference between the minimum and maximum specified differential propagation delays.
Note 7: ESD Rating:
HBM (1.5 k
Ω, 100 pF) ≥ 3,500V
EIAJ (0
Ω, 200 pF) ≥ 250V
Note 8: Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted at a time, do not
exceed maximum junction temperature specification.
Note 9: CL includes probe and jig capacitance.
www.national.com
4


Similar Part No. - DS90C402_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C402M NSC-DS90C402M Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402M TI1-DS90C402M Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C402M/NOPB TI1-DS90C402M/NOPB Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C402MX TI1-DS90C402MX Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C402MX/NOPB TI1-DS90C402MX/NOPB Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
More results

Similar Description - DS90C402_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90C401 NSC-DS90C401 Datasheet
650Kb / 11P
   Dual Low Voltage Differential Signaling (LVDS) Driver
logo
Texas Instruments
DS90C401MX TI-DS90C401MX Datasheet
955Kb / 17P
[Old version datasheet]   DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
   Low Voltage Differential Signaling Oscillators
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com