Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5250IY-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5250IY-T13
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5250IY-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5250IY-T13 Datasheet HTML 1Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 2Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 3Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 4Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 5Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 6Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 7Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 8Page - Intersil Corporation EL5250IY-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN7384.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL5150, EL5151, EL5250, EL5251, EL5451
200MHz Amplifiers
The EL5150, EL5151, EL5250, EL5251, and EL5451 are
200MHz bandwidth -3dB voltage mode feedback amplifiers
with DC accuracy of 0.01%, 1mV offsets and 10kV/V open
loop gains. These amplifiers are ideally suited for applications
ranging from precision measurement instrumentation to high
speed video and monitor applications. Capable of operating
with as little as 1.4mA of current from a single supply ranging
from 5V to 12V, dual supplies ranging from ±2.5V to ±5.0V,
these amplifiers are also well suited for handheld, portable
and battery-powered equipment.
Single amplifiers are offered in SOT-23 packages and duals in
a 10 Ld MSOP package for applications where board space is
critical. Quad amplifiers are available in a 14 Ld SOIC
package. Additionally, singles and duals are available in the
industry-standard 8 Ld SOIC package. All parts operate over
the industrial temperature range of -40°C to +85°C.
Features
• 200MHz -3dB bandwidth
• 67V/µs slew rate
• Very high open loop gains 50kV/V
• Low supply current = 1.4mA
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±5V
• Fast disable on the EL5150 and EL5250
•Low cost
• Pb-free available (RoHS compliant)
Applications
•Imaging
• Instrumentation
•Video
• Communications devices
Pinouts
EL5150
(8 LD SOIC)
TOP VIEW
EL5150
(6 LD SOT-23)
TOP VIEW
EL5151
(5 LD SOT-23)
TOP VIEW
EL5250
(10 LD MSOP)
TOP VIEW
EL5251
(8 LD MSOP)
TOP VIEW
EL5451
(14 LD SOIC)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
6
4
5
-
+
OUT
VS-
IN+
VS+
IN-
CE
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
10
9
8
7
5
6
-
+
-
+
INA+
CEA
VS-
CEB
INA-
OUTA
VS+
OUTB
INB+
INB-
1
2
3
4
8
7
6
5
-
+
-
+
OUTA
INA-
INA+
VS-
VS+
OUTB
INB-
INB+
OUTA
INA-
INA+
VS+
OUTD
IND-
IND+
VS-
INB+
INC+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
INC-
OUTC
INB-
OUTB
-+
-
+
-+
-
+
Data Sheet
January 16, 2008


Similar Part No. - EL5250IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250IY-T13 INTERSIL-EL5250IY-T13 Datasheet
630Kb / 18P
   200MHz Amplifiers
EL5250IY-T13 INTERSIL-EL5250IY-T13 Datasheet
726Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5250IY-T13 RENESAS-EL5250IY-T13 Datasheet
890Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5250IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250 INTERSIL-EL5250 Datasheet
630Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_06 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com