Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5250IY-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5250IY-T7
Description  200MHz Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5250IY-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5250IY-T7 Datasheet HTML 5Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 6Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 7Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 8Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 9Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 10Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 11Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 12Page - Intersil Corporation EL5250IY-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN7384.7
January 16, 2008
FIGURE 27. TOTAL HARMONIC DISTORTION vs OUTPUT
VOLTAGE
FIGURE 28. HARMONIC DISTORTION vs FREQUENCY
FIGURE 29. SMALL SIGNAL STEP RESPONSE
FIGURE 30. LARGE SIGNAL STEP RESPONSE
FIGURE 31. SMALL SIGNAL STEP RESPONSE
FIGURE 32. LARGE SIGNAL STEP RESPONSE
Typical Performance Curves (Continued)
AV = +5
VS = ±5V
RL = 500Ω
RF = 402Ω
08
17
-30
-40
-70
OUTPUT VOLTAGE (VP-P)
-60
4
25
3
-50
THD_Fin = 2MHz
THD_Fin = 500kHz
AV = +5
VS = ±5V
RL = 500Ω
RF = 402Ω
VOUT = 2VP-P
0.5
10.0
1.0
-20
-30
-70
FUNDAMENTAL FREQUENCY (MHz)
-60
-40
-50
2ND HD
THD
3RD HD
TIME (40ns/DIV)
AV = +1
RL = 500Ω
CL = 2.2pF
20%-80%
CH3 RISE
1.874ns
80%-20%
CH3 FALL
3.106ns
TIME (40ns/DIV)
AV = +1
RL = 500Ω
CL = 2.2pF
20%-80%
CH3 RISE
11.72ns
80%-20%
CH3 FALL
15.28ns
TIME (40ns/DIV)
AV = +2
RL =150Ω
CL = 2.2pF
20%-80%
CH3 RISE
4.337ns
80%-20%
CH3 FALL
6.229ns
TIME (40ns/DIV)
AV = +2
RL = 150Ω
CL = 2.2pF
20%-80%
CH3 RISE
12.87ns
80%-20%
CH3 FALL
15.67ns
EL5150, EL5151, EL5250, EL5251, EL5451


Similar Part No. - EL5250IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250IY-T7 INTERSIL-EL5250IY-T7 Datasheet
630Kb / 18P
   200MHz Amplifiers
EL5250IY-T7 INTERSIL-EL5250IY-T7 Datasheet
726Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5250IY-T7 RENESAS-EL5250IY-T7 Datasheet
890Kb / 18P
   200MHz Amplifiers
More results

Similar Description - EL5250IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5250 INTERSIL-EL5250 Datasheet
630Kb / 18P
   200MHz Amplifiers
logo
Renesas Technology Corp
EL5150 RENESAS-EL5150 Datasheet
890Kb / 18P
   200MHz Amplifiers
logo
Intersil Corporation
EL5150 INTERSIL-EL5150_06 Datasheet
726Kb / 18P
   200MHz Amplifiers
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com