Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5135IW-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5135IW-T7
Description  650MHz, Gain of 5, Low Noise Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5135IW-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5135IW-T7 Datasheet HTML 7Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 8Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 9Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 10Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 11Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 12Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 13Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 14Page - Intersil Corporation EL5135IW-T7 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN7383.4
May 4, 2007
transfer function contribute to even higher closed loop
bandwidths. For example, the EL5134, EL5135, EL5234 and
EL5235 have a -3dB bandwidth of 650MHz at a gain of 5,
dropping to 150MHz at a gain of 10. It is important to note
that the EL5134, EL5135, EL5234 and EL5235 is designed
so that this “extra” bandwidth in low-gain application does
not come at the expense of stability. As seen in the typical
performance curves, the EL5134, EL5135, EL5234 and
EL5235 in a gain of only 5 exhibited 0.2dB of peaking with a
500
Ω load.
Output Drive Capability
The EL5134, EL5135, EL5234 and EL5235 are designed to
drive a low impedance load. They can easily drive 6VP-P
signal into a 500
Ω load. This high output drive capability
makes the EL5134, EL5135, EL5234 and EL5235 and ideal
choice for RF, IF, and video applications. Furthermore, the
EL5134, EL5135, EL5234 and EL5235 are current-limited at
their outputs, allowing them to withstand momentary short to
ground. However, the power dissipation with output-shorted
cannot exceed the power dissipation capability of the
package.
Driving Cables and Capacitive Loads
Although the EL5134, EL5135, EL5234 and EL5235 are
designed to drive low impedance load, capacitive loads will
decreases the amplifiers’ phase margin. As shown in the
performance curves, capacitive load can result in peaking,
overshoot and possible oscillation. For optimum AC
performance, capacitive loads should be reduced as much
as possible or isolated with a series resistor between 5
Ω to
20
Ω. When driving coaxial cables, double termination is
always recommended for reflection-free performance. When
properly terminated, the capacitance of the coaxial cable will
not add to the capacitive load seen by the amplifier.
Disable/Power-Down
The EL5134 and EL5234 amplifiers can be disabled placing
their outputs in a high impedance state. When disable, each
amplifier current is reduced to 12uA. The EL5134 and
EL5234 are disabled when their CE pins are pulled up to
within 1V of the power suply. Similarly, the amplifiers are
enabled by floating or pulling its CE pin to at least 3V below
the positive supply. For +/-5V supply, this means that
EL5134 and EL5234 amplifiers will be enabled when CE is
2V or less, and disabled when CE is above 4V. Although the
logic levels are not stardard TTL, this choice of logic
voltages allows the EL5134 and EL5234 to be enabled by
typing CE to ground, even in 5V single supply applications.
The CE pin can be driveing from CMOS outputs.
Supply Voltage Range and Single-Supply
Operation
The
EL5134, EL5135, EL5234 and EL5235 have been
designed to operate with supply voltages having a span of
greater than 5V and less than 12V. In practical terms, this
means that they will operate on dual supplies ranging from
±2.5V to ±6V. With single-supply, the
EL5134, EL5135,
EL5234 and EL5235 will operate from 5V to 12V. To prevent
internal circuit latch-up, the slew rate between the negative
and positve supplies must be less than 1V/nS.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL5134, EL5135, EL5234 and EL5235 have an input range
which extends to within 2V of either supply. So, for example,
on ±5V supplies, the
EL5134, EL5135, EL5234 and EL5235
have an input range which spans ±3V. The output range of
the
EL5134, EL5135, EL5234 and EL5235 is also quite
large, extending to within 2V of the supply rail. On a ±5V
supply, the output is therefore capable of swinging from
-3.1V to +3.1V. Single-supply output range is larger because
of the increased negative swing due to the external pull-
down resistor to ground.
Power Dissipation
With the wide power supply range and large output drive
capability of the EL5134, EL5135, EL5234 and EL5235, it is
possible to exceed the 150°C maximum junction
temperatures under certain load and power-supply
conditions. It is therefore important to calculate the
maximum junction temperature (TJMAX) for all applications
to determine if power supply voltages, load conditions, or
package type need to be modified for the EL5134, EL5135,
EL5234 and EL5235 to remain in the safe operating area.
These parameters are related as follows:
where:
•PDMAXTOTAL is the sum of the maximum power
dissipation of each amplifier in the package (PDMAX)
•PDMAX for each amplifier can be calculated as follows:
where:
•TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Supply voltage
•IMAX = Maximum supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
Power Supply Bypassing And Printed Circuit
Board Layout
As with any high frequency devices, good printed circuit
board layout is essential for optimum performance. Ground
T
JMAX
T
MAX
θ
JAxPDMAXTOTAL
()
+
=
PD
MAX
2*V
S
I
SMAX
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
=
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5135IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5135IW-T7 INTERSIL-EL5135IW-T7 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5135IW-T7 INTERSIL-EL5135IW-T7 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5135IW-T7 RENESAS-EL5135IW-T7 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5135IW-T7A INTERSIL-EL5135IW-T7A Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5135IW-T7A INTERSIL-EL5135IW-T7A Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5135IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_06 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com