Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5132ISZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5132ISZ-T13
Description  670MHz Low Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5132ISZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5132ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 12Page - Intersil Corporation EL5132ISZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN7382.8
May 4, 2007
Applications Information
Product Description
The EL5132, EL5133 is a voltage feedback operational
amplifier designed for communication and imaging
applications requiring very low voltage and current noise. It
also features low distortion while drawing moderately low
supply current and is built on Intersil's proprietary high-speed
complementary bipolar process. The EL5132, EL5133 uses
a classical voltage-feedback topology which allows them to
be used in a variety of applications where current-feedback
amplifiers are not appropriate because of restrictions placed
upon the feedback element used with the amplifier.
Gain-Bandwidth Product and the -3dB Bandwidth
The EL5132, EL5133 has a gain-bandwidth product of
3000MHz while using only 11mA of supply current. For gains
greater than 10, their closed-loop -3dB bandwidth is
approximately equal to the gain-bandwidth product divided
by the noise gain of the circuit. For gains of 10, higher-order
poles in the amplifiers' transfer function contribute to even
higher closed loop bandwidths. For example, the EL5132,
EL5133 have a -3dB bandwidth of 670MHz at a gain of 10,
dropping to 150MHz at a gain of 30. It is important to note
that the EL5132, EL5133 is designed so that this “extra”
bandwidth in low-gain application does not come at the
expense of stability. As seen in the typical performance
curves, the EL5132, EL5133 in a gain of only 10 exhibited
0.5dB of peaking with a 500
Ω load.
Output Drive Capability
The EL5132 and EL5133 are is designed to drive a low
impedance load. It can easily drive 6VP-P signal into a 500Ω
load. This high output drive capability makes the EL5132,
EL5133 an ideal choice for RF, IF, and video applications.
Furthermore, the EL5132, EL5133 is current-limited at the
output, allowing it to withstand momentary short to ground.
However, the power dissipation with output-shorted cannot
exceed the power dissipation capability of the package.
Driving Cables and Capacitive Loads
Although the EL5132, EL5133 is designed to drive low
impedance load, capacitive loads will decreases the
amplifier's phase margin. As shown in the performance
curves, capacitive load can result in peaking, overshoot and
possible oscillation. For optimum AC performance,
capacitive loads should be reduced as much as possible or
isolated with a series resistor between 5
Ω to 20Ω. When
driving coaxial cables, double termination is always
recommended for reflection-free performance. When
properly terminated, the capacitance of the coaxial cable will
not add to the capacitive load seen by the amplifier.
Disable/Power-Down
The EL5132 amplifier can be disabled placing its output in a
high impedance state. When disable, the amplifier current is
reduced to 12µA. The EL5132 is disabled when it CE pin is
pulled up to within 1V of the power supply. Similarly, the
amplifier is enabled by floating or pulling its CE pin to at least
3V below the positive supply. For ±5V supply, this means
that an EL5132 amplifier will be enabled when CE is 2V or
FIGURE 35. DIFFERENTIAL GAIN (%)
FIGURE 36. DIFFERENTIAL PHASE (°)
Typical Performance Curves (Continued)
0.2
0
010
0.1
-0.05
0.0
-0.15
-0.20
20
30
40
50
60
70
80
90
100
0.20
0
010
0.15
-0.05
0.05
-0.15
-0.20
20
30
40
50
60
70
80
90
100
EL5132, EL5133


Similar Part No. - EL5132ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132ISZ-T13 INTERSIL-EL5132ISZ-T13 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5132ISZ-T13 INTERSIL-EL5132ISZ-T13 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132ISZ-T13 RENESAS-EL5132ISZ-T13 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5132ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com