Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5163IWZ-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5163IWZ-T7
Description  500MHz Low Power Current Feedback Amplifiers with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5163IWZ-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5163IWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5163IWZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN7388.10
January 4, 2008
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE FOR AV = +1
FIGURE 2. FREQUENCY RESPONSE FOR AV = +4.6
FIGURE 3. FREQUENCY RESPONSE FOR AV = +10
FIGURE 4. FREQUENCY RESPONSE FOR AV = +2
FIGURE 5. FREQUENCY RESPONSE FOR AV = +4
FIGURE 6. FREQUENCY RESPONSE FOR VARIOUS VCC, VEE
+1
+2
100k
1M
10M
FREQENCY (Hz)
-1
-2
-3
-4
0
+3
-5
100M
1G
VCC = +5V
VEE = -5V
RL = 500Ω
RF = 598Ω
+4
-6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VCC = +5V
VEE = -5V
RF = 375Ω
+1
+2
-1
-2
-3
-4
0
+3
-5
+4
-6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VCC = +5V
VEE = -5V
AV = +10
RL = 150Ω
RF = 375Ω
-1
0
-3
-4
-5
-6
-2
+1
-7
+2
-8
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VCC = +5V
VEE = -5V
RL = 150Ω
RF = 422Ω
+1
+2
-1
-2
-3
-4
0
+3
-5
-6
-7
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VCC = +5V
VEE = -5V
RL = 150Ω
RF = 422Ω
0
+1
-2
-3
-4
-5
-1
+2
-6
+3
-7
100k
1M
10M
100M
500M
FREQUENCY (Hz)
±6V
±3V
±5V
±2.5V
±4V
AV = +1
RL = 150Ω
RF = 698Ω
VCC, VEE =
+3
+4
+1
0
-1
-2
+2
+5
-3
-4
-5
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5163IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5163IWZ-T7 INTERSIL-EL5163IWZ-T7 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5163IWZ-T7 INTERSIL-EL5163IWZ-T7 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5163IWZ-T7 INTERSIL-EL5163IWZ-T7 Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5163IWZ-T7 RENESAS-EL5163IWZ-T7 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5163IWZ-T7A INTERSIL-EL5163IWZ-T7A Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5163IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com