Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5132ISZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5132ISZ-T7
Description  670MHz Low Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5132ISZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5132ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5132ISZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN7382.8
EL5132, EL5133
670MHz Low Noise Amplifiers
The EL5132 and EL5133 are ultra-low voltage noise, high
speed voltage feedback amplifiers that are ideal for
applications requiring low voltage noise, including
communications and imaging. These devices offer extremely
low power consumption for exceptional noise performance.
Stable at gains as low as 10, these devices offer 120mA of
drive performance. Not only do these devices find perfect
application in high gain applications, they maintain their
performance down to lower gain settings.
These amplifiers are available in small package options
(SOT-23) as well as the industry-standard SOIC packages.
All parts are specified for operation over the -40°C to +85°C
temperature range.
Pinout
EL5132
(8 LD SOIC)
TOP VIEW
EL5133
(5 LD SOT-23)
TOP VIEW
Features
• 670MHz -3dB bandwidth
• Ultra low noise 0.9nV/
√Hz
• 1000V/µs slew rate
• Low supply current = 12mA
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±6V
• Fast disable on the EL5132
• Pb-free plus anneal available (RoHS compliant)
Applications
• Pre-amplifier
• Receiver
• Filter
• IF and baseband amplifier
• ADC drivers
• DAC buffers
• Instrumentation
• Communications devices
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
Data Sheet
May 4, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5132ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132ISZ-T7 INTERSIL-EL5132ISZ-T7 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5132ISZ-T7 INTERSIL-EL5132ISZ-T7 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132ISZ-T7 RENESAS-EL5132ISZ-T7 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5132ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com