Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36C200I Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C200I
Description  Dual High Speed Bi-Directional Differential Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C200I Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS36C200I Datasheet HTML 3Page - National Semiconductor (TI) DS36C200I Datasheet HTML 4Page - National Semiconductor (TI) DS36C200I Datasheet HTML 5Page - National Semiconductor (TI) DS36C200I Datasheet HTML 6Page - National Semiconductor (TI) DS36C200I Datasheet HTML 7Page - National Semiconductor (TI) DS36C200I Datasheet HTML 8Page - National Semiconductor (TI) DS36C200I Datasheet HTML 9Page - National Semiconductor (TI) DS36C200I Datasheet HTML 10Page - National Semiconductor (TI) DS36C200I Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Information (Continued)
Transmit Mode
Input(s)
Input/Output
DE
RE*
DI
DO+
DO−
HH
L
L
H
H
HHH
L
HH
2 > & > 0.8
X
X
Input(s)
Input/Output
DE
RE*
DI
DO+
DO−
LH
X
Z
Z
H = Logic high level
L = Logic low level
X = Indeterminate state
Z = High impedance state
TABLE 1. Device Pin Descriptions
Pin #
M14A Package
Pin #
MTC14 Package
Name
(In mode only)
Mode
Description
3
3
DE
Transmit
Driver Enable: When asserted low driver is
disabled. And when asserted high driver is
enabled.
1, 7
1, 7
DI1, DI2
TTL/CMOS driver input pins
10, 13
11, 14
DO2+, DO1+
Non-inverting driver output pin
11, 12
12, 13
DO2−, DO1–
Inverting driver output pin
4
4
RE*
Receive
Receiver Enable: When asserted low receiver is
enabled. And when asserted high receiver is
disabled.
1, 7
1, 7
RO1, RO2
Receiver output pin
10, 13
11,14
RI2+, RI1+
Positive receiver input pin
11, 12
12, 13
RI2−, RI1–
Negative receiver input pin
5
5
Gnd
Transmit and
Ground pin
22
V
CC
Receive
Positive power supply pin, +5V ± 10%
6, 8, 9, 14
6, 8, 9, 10
NC
No Connect
IEEE 1394
The DS36C200I drives and receives IEEE 1394 physical
layer signal levels. The current mode driver is capable of
driving a 55
Ω load with V
OD between 172 mV and 285 mV.
The DS36C200I is not designed to work with a link layer
controller IC requiring full 1394 physical layer compliancy to
the standard. No clock generator, no arbitration, and no
encode/decode logic is provided with this device. For a 1394
link where speed sensing, bus arbitration, and other func-
tions are not required, a controller and the DS36C200I will
provide a cost effective, high speed dedicated link. This is
shown in Figure 10. In applications that require fully compli-
ant 1394 protocol, a link layer controller and physical layer
controller will be required as shown in Figure 10. The physi-
cal layer controller supports up to three DS36C200I devices
(not shown).
The DS36C200I drivers are current mode drivers and in-
tended to work with two 110
Ω termination resistors in parallel
with each other. The termination resistors should match the
characteristic impedance of the transmission media. The
drivers are current mode devices therefore the resistors are
required. Both resistors are required for half duplex opera-
tion and should be placed as close to the DO/RI+ and
DO/RI− pins as possible at opposite ends of the bus. How-
ever, if your application only requires simplex operation, only
one termination resistor is required. In addition, note the
voltage levels will vary from those in the datasheet due to
different loading. Also, AC or unterminated configurations
are not used with this device. Multiple node configurations
are possible as long as transmission line effects are taken
into account. Discontinuities are caused by mid-bus stubs,
connectors, and devices that affect signal integrity.
The differential line driver is a balanced current source de-
sign. A current mode driver, generally speaking has a high
output impedance and supplies a constant current for a
range of loads (a voltage mode driver on the other hand
supplies a constant voltage for a range of loads). Current is
switched through the load in one direction to produce a logic
state and in the other direction to produce the other logic
state. The typical output current is mere 3.8 mA, a minimum
of 3.1 mA, and a maximum of 5.2 mA. The current mode
requires that a resistive termination be employed to termi-
nate the signal and to complete the loop as shown in Figure
11. The 3.8 mA loop current will develop a differential voltage
of 210 mV across the 55
Ω termination resistor which the
receiver detects with a 110 mV minimum differential noise
margin neglecting resistive line losses (driven signal minus
receiver threshold (210 mV – 100 mV = 110 mV)). The signal
is centered around +1.2V (Driver Offset, V
OS) with respect to
ground as shown in Figure 7.
The current mode driver provides substantial benefits over
voltage mode drivers, such as an RS-422 driver. Its quies-
cent current remains relatively flat versus switching fre-
quency. Whereas the RS-422 voltage mode driver increases
exponentially in most case between 20 MHz–50 MHz. This
is due to the overlap current that flows between the rails of
the device when the internal gates switch. Whereas the
current mode driver switches a fixed current between its
output without any substantial overlap current. This is similar
to some ECL and PECL devices, but without the heavy static
I
CC requirements of the ECL/PECL designs. LVDS requires
> 80% less current than similar PECL devices. AC specifi-
cations for the driver are a tenfold improvement over other
www.national.com
7


Similar Part No. - DS36C200I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
National Semiconductor ...
DS36C200M NSC-DS36C200M Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200M NSC-DS36C200M Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
More results

Similar Description - DS36C200I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200_05 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200_13 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
Agilent(Hewlett-Packard...
HCPL-0560 HP-HCPL-0560 Datasheet
247Kb / 16P
   Dual Channel Bi-directional High Speed Optoisolators
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
   Bi-Directional 1X9 Transceiver
logo
Source Photonics, Inc.
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com