Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5160IS-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5160IS-T7
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5160IS-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5160IS-T7 Datasheet HTML 1Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7387.9
May 7, 2007
3
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Slew Rate of VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.5V to VS+ + 0.5V
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RL = 150Ω, VCE, H = VS+, VCE, L = (VS+) -3V, TA = +25°C,
Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω
200
MHz
AV = +2, RL = 150Ω
125
MHz
BW1
0.1dB Bandwidth
RL = 100Ω
10
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2, RF = RG = 1kΩ,
RL = 100Ω
900
1700
2500
V/µs
EL5260, EL5261
800
1300
2500
V/µs
SR
500
Ω Load
1360
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = +2
35
ns
eN
Input Voltage Noise
4nV/
√Hz
iN-
IN- Input Current Noise
7pA/
√Hz
iN+
IN+ Input Current Noise
8pA/
√Hz
HD2
5MHz, 2.5VP-P, RL = 150Ω, AV = +2
-74
dBc
HD3
5MHz, 2.5VP-P, RL = 150Ω, AV = +2
-50
dBc
dG
Differential Gain Error (Note 1)
AV = +2
0.1
%
dP
Differential Phase Error (Note 1)
AV = +2
0.1
°
DC PERFORMANCE
VOS
Offset Voltage
-5
1.6
+5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
6µV/°C
ROL
Transimpedance
±2.5VOUT into 150Ω
800
2000
k
Ω
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
VIN = ±3V
506275
dB
-ICMR
- Input Current Common Mode Rejection
-1
+1
µA/V
+IIN
+ Input Current
-4
+4
µA
-IIN
- Input Current
-5
+5
µA
RIN
Input Resistance
1.5
4
15
M
Ω
CIN
Input Capacitance
1pF
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5160IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160IS-T7 INTERSIL-EL5160IS-T7 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5160IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com