Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5257 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5257
Description  <1mV Voltage Offset, 600MHz Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5257 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5257 Datasheet HTML 1Page - Intersil Corporation EL5257 Datasheet HTML 2Page - Intersil Corporation EL5257 Datasheet HTML 3Page - Intersil Corporation EL5257 Datasheet HTML 4Page - Intersil Corporation EL5257 Datasheet HTML 5Page - Intersil Corporation EL5257 Datasheet HTML 6Page - Intersil Corporation EL5257 Datasheet HTML 7Page - Intersil Corporation EL5257 Datasheet HTML 8Page - Intersil Corporation EL5257 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7386.5
September 13, 2007
ENABLE (EL5156 and EL5256 ONLY)
tEN
Enable Time
200
ns
tDIS
Disable Time
300
ns
IIHCE
CE Pin Input High Current
CE = VS+13
25
µA
IILCE
CE Pin Input Low Current
CE = VS-0
1
µA
VIHCE
CE Input High Voltage for Power-down
VS+ - 1
V
VILCE
CE Input Low Voltage for Power-up
VS+ - 3
V
SUPPLY
ISON
Supply Current - Enabled (per amplifier)
No load, VIN = 0V, CE = +5V
5.1
6.0
6.9
mA
ISOFF
Supply Current - Disabled (per amplifier)
No load, VIN = 0V, CE = 5V
5
13
25
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±3.0V to ±6.0V
75
90
dB
NOTE:
1. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
Electrical Specifications VS+ = +5V, VS- = -5V, CE = +5V, RF = RG = 562Ω, RL = 150Ω, TA = +25°C, Unless Otherwise
Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
Typical Performance Curves
FIGURE 1. SMALL SIGNAL FREQUENCY RESPONSE - GAIN
FIGURE 2. SMALL SIGNAL FREQUENCY RESPONSE -
PHASE FOR VARIOUS GAINS
FIGURE 3. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS RL
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
4
FREQUENCY (Hz)
AV = +1
AV = +10
RL = 150Ω
CL = 4.7pF
2
0
-2
-4
-6
100k
1M
10M
100M
1G
AV = +5
AV = +2
RL = 150Ω
CL = 4.7pF
AV = +2
AV = +10
AV = +5
135
FREQUENCY (Hz)
45
-45
-135
-225
-315
100k
1M
10M
100M
1G
RL = 50Ω
VS = ±5V
AV = +2
RF = RG = 562Ω
RL = 750Ω
RL = 150Ω
RL = 500Ω
4
FREQUENCY (Hz)
2
0
-2
-4
-6
100k
1M
10M
100M
1G
AV = +1
RL = 500Ω
CL = 27pF
CL = 10pF
CL = 4.7pF
CL = 1pF
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100k
1M
10M
100M
1G
EL5156, EL5157, EL5256, EL5257


Similar Part No. - EL5257

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5257 INTERSIL-EL5257 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5257 INTERSIL-EL5257 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5257 RENESAS-EL5257 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5257IS INTERSIL-EL5257IS Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5257IS INTERSIL-EL5257IS Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
More results

Similar Description - EL5257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_06 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
   600MHz Multiplexing Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com