Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5164ISZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5164ISZ
Description  600MHz Current Feedback Amplifiers with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5164ISZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5164ISZ Datasheet HTML 1Page - Intersil Corporation EL5164ISZ Datasheet HTML 2Page - Intersil Corporation EL5164ISZ Datasheet HTML 3Page - Intersil Corporation EL5164ISZ Datasheet HTML 4Page - Intersil Corporation EL5164ISZ Datasheet HTML 5Page - Intersil Corporation EL5164ISZ Datasheet HTML 6Page - Intersil Corporation EL5164ISZ Datasheet HTML 7Page - Intersil Corporation EL5164ISZ Datasheet HTML 8Page - Intersil Corporation EL5164ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN7389.8
EL5164, EL5165, EL5364
600MHz Current Feedback Amplifiers with
Enable
The EL5164, EL5165, and EL5364 are current feedback
amplifiers with a very high bandwidth of 600MHz. This
makes these amplifiers ideal for today’s high speed video
and monitor applications.
With a supply current of just 5mA and the ability to run from
a single supply voltage from 5V to 12V, the amplifiers are
also ideal for hand held, portable or battery-powered
equipment.
The EL5164 also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5165 is offered in the 5 Ld SOT-23 and 5 Ld SC-70
packages, EL5164 is available in the 6 Ld SOT-23 and the
industry-standard 8 Ld SOIC packages, and the EL5364 in a
16 Ld SOIC and 16 Ld QSOP packages. All operate over the
industrial temperature range of -40°C to +85°C.
Features
• 600MHz -3dB bandwidth
• 4700V/µs slew rate
• 5mA supply current
• Single and dual supply operation, from 5V to 12V supply
span
• Fast enable/disable (EL5164 and EL5364 only)
• Available in SOT-23 packages
• Dual (EL5264 and EL5265) and triple (EL5362 and
EL5363) also available
• High speed, 1GHz product available (EL5166 and
EL5167)
• 300MHz product available (EL5162 family)
• Pb-Free available (RoHS compliant)
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinouts
EL5164
(8 LD SOIC)
TOP VIEW
EL5164
(6 LD SOT-23)
TOP VIEW
EL5165
(5 LD SOT-23, SC-70)
TOP VIEW
EL5364
(16 LD SOIC, QSOP)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
6
4
-
+
OUT
VS-
IN+
VS+
IN-
5CE
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INB+
NC
CEC
INC+
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
Data Sheet
October 29, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5164ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164ISZ INTERSIL-EL5164ISZ Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164ISZ INTERSIL-EL5164ISZ Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164ISZ RENESAS-EL5164ISZ Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164ISZ-T13 INTERSIL-EL5164ISZ-T13 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164ISZ-T13 INTERSIL-EL5164ISZ-T13 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5164ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com