Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6303 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N6303
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N6303 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1N6303 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N6303 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N6303 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1N6303 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BLGALAXY ELECTRICAL
Document Number 02850
11
2.
www.galaxycn.com
M
in
M
ax
1N6267
6.12
7.48
10.0
1N6267A
6.45
7.14
10.0
1N6268
6.75
8.25
10.0
1N6268A
7.13
7.88
10.0
1N6269
7.38
9.02
10.0
1N6269A
7.79
8.61
10.0
1N6270
8.19
10.0
1.0
1N6270A
8.65
9.55
1.0
1N6271
9.0
11.0
1.0
1N6271A
9.5
10.5
1.0
1N6272
9.9
12.1
1.0
1N6272A
10.5
11.6
1.0
1N6273
10.8
13.2
1.0
1N6273A
11.4
12.6
1.0
1N6274
11.7
14.3
1.0
1N6274A
12.4
13.7
1.0
1N6275
13.5
16.5
1.0
1N6275A
14.3
15.8
1.0
1N6276
14.4
17.6
1.0
1N6276A
15.2
16.8
1.0
1N6277
16.2
19.8
1.0
1N6277A
17.1
18.9
1.0
1N6278
18.0
22.0
1.0
1N6278A
19.0
21.0
1.0
1N6279
19.8
24.2
1.0
1N6279A
20.9
23.1
1.0
1N6280
21.6
26.4
1.0
1N6280A
22.8
25.2
1.0
1N6281
24.3
29.7
1.0
1N6281A
25.7
28.4
1.0
1N6282
27.0
33.0
1.0
1N6282A
28.5
31.5
1.0
1N6283
29.7
36.3
1.0
1N6283A
31.4
34.7
1.0
1N6284
32.4
39.6
1.0
1N6284A
34.2
37.8
1.0
1N6285
35.1
42.9
1.0
1N6285A
37.1
41.0
1.0
ELECTRICAL CHARACTERISTICS at(TA=25
unless otherwise noted)
TABLE 1
Device Type
27.8
53.9
0.100
23.1
16.2
17.1
15.3
18.8
21.8
20.5
19.4
8.55
0.068
0.068
9.72
0.073
0.075
0.075
0.076
14.5
5.0
0.057
0.057
0.061
0.073
0.061
0.065
0.065
0.096
0.089
0.090
0.090
0.092
0.092
0.094
0.094
0.096
37.5
29.1
27.7
40.0
51.5
49.0
30.6
39.1
0.097
43.5
0.097
26.8
1.0
31.4
47.7
0.098
124
16.2
15.6
17.3
109
112
100
103
86.7
13.8
143
128
133
120
200
54.2
1000
500
500
200
1.0
59.5
68.2
96.2
5.0
5.0
50
50
10
10
9.40
5.80
6.05
6.40
6.63
7.02
8.92
7.37
7.78
8.10
10.5
11.7
11.3
12.5
10.8
5.50
1000
139
13.4
15.0
24.3
1.0
1.0
1.0
1.0
34.5
92.6
38.4
12.1
17.8
1.0
47.0
31.9
10.5
10.2
16.7
12.1
1.0
0.078
5.0
78.9
19.0
0.081
5.0
89.8
82.4
18.2
0.081
1.0
45.2
33.2
1.0
25.2
70.8
21.2
63.8
23.5
22.0
0.084
0.084
0.086
12.8
1.0
36.2
41.4
14.5
1.0
56.6
26.5
12.9
1.0
0.088
13.6
1.0
0.098
66.7
22.5
0.086
1.0
43.2
34.7
0.099
28.2
1.0
32.8
45.7
29.1
1.0
28.8
52.0
0.099
31.6
1.0
26.6
56.4
0.100
30.8
1.0
30.1
49.9
Breakdow n
Voltage V(BR)
(V)(NOTE1)
Test
Current
at IT
(mA)
33.3
1.0
25.6
1.0
11.1
5.0
1.0
Stand-off
Voltage
VWM(V)
Maximum
Reverse
Leakge
at VWM
ID (NOTE3)(μA)
Maximum
Pea
k Pulse
IPPM(NOTE2)(A)
Maximum
Clamping
Voltage at
IPPM VC(V)
Maximum
Temperature
Coefficient of
V(BR)(%/ )


Similar Part No. - 1N6303

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6303 TRSYS-1N6303 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6303 CHONGQING-1N6303 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6303 LUGUANG-1N6303 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6303 DCCOM-1N6303 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6303 GOOD-ARK-1N6303 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Similar Description - 1N6303

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com