Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5370 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5370
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5370 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5370 Datasheet HTML 5Page - Intersil Corporation EL5370 Datasheet HTML 6Page - Intersil Corporation EL5370 Datasheet HTML 7Page - Intersil Corporation EL5370 Datasheet HTML 8Page - Intersil Corporation EL5370 Datasheet HTML 9Page - Intersil Corporation EL5370 Datasheet HTML 10Page - Intersil Corporation EL5370 Datasheet HTML 11Page - Intersil Corporation EL5370 Datasheet HTML 12Page - Intersil Corporation EL5370 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7309.7
May 7, 2007
Simplified Schematic
Description of Operation and Application
Information
Product Description
The EL5170 and EL5370 are wide bandwidth, low power
and single/differential ended to differential output amplifiers.
They have a fixed gain of 2. The EL5170 is a single channel
differential amplifier. The EL5370 is a triple channel
differential amplifier. The EL5170 and EL5370 have a -3dB
bandwidth of 100MHz while driving a 200
Ω differential load.
The EL5170 and EL5370 are available with a power down
feature to reduce the power while the amplifiers are
disabled.
Input, Output and Supply Voltage Range
The EL5170 and EL5370 have been designed to operate
with a single supply voltage of 5V to 10V or a split supplies
with its total voltage from 5V to 10V. The amplifiers have an
input common mode voltage range from -4.5V to 3.4V for
±5V supply. The differential mode input range (DMIR)
between the two inputs is from -2.3V to +2.3V. The input
voltage range at the REF pin is from -3.3V to 3.8V. If the
input common mode or differential mode signal is outside the
above-specified ranges, it will cause the output signal
distorted.
The output of the EL5170 and EL5370 can swing from -3.3V
to 3.6V at 200
Ω differential load at ±5V supply. As the load
resistance becomes lower, the output swing is reduced.
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
1.136W
θ
JA=88°C/W
QSOP24
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
909mW
θJA=110°C/W
SO8
870mW
θJA=115°C/W
MSOP8/10
REF
R10
R9
RCD
RCD
OUT+
OUT-
CC
R6
R5
CC
R4
R3
R7
R8
R2
R1
VB1
FBN
FBP
IN-
IN+
VB2
VS+
VS-
200
Ω
200
Ω
400
Ω
EL5170, EL5370


Similar Part No. - EL5370

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5370 INTERSIL-EL5370 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370 INTERSIL-EL5370 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
EL5370IU INTERSIL-EL5370IU Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IU INTERSIL-EL5370IU Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
EL5370IU-T13 INTERSIL-EL5370IU-T13 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5370

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com