Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6386 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6386
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386 Datasheet(HTML) 1 Page - STMicroelectronics

  L6386 Datasheet HTML 1Page - STMicroelectronics L6386 Datasheet HTML 2Page - STMicroelectronics L6386 Datasheet HTML 3Page - STMicroelectronics L6386 Datasheet HTML 4Page - STMicroelectronics L6386 Datasheet HTML 5Page - STMicroelectronics L6386 Datasheet HTML 6Page - STMicroelectronics L6386 Datasheet HTML 7Page - STMicroelectronics L6386 Datasheet HTML 8Page - STMicroelectronics L6386 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HIGH VOLTAGE RAIL UP TO 600V
dV/dt IMMUNITY +- 50 V/nsec iN FULL TEM-
PERATURE RANGE
DRIVER CURRENT CAPABILITY:
400 mA SOURCE,
650 mA SINK
SWITCHING TIMES 50/30 nsec RISE/FALL
WITH 1nF LOAD
CMOS/TTL
SCHMITT
TRIGGER
INPUTS
WITH HYSTERESIS AND PULL DOWN
UNDER VOLTAGE LOCK OUT ON LOWER
AND UPPER DRIVING SECTION
INTEGRATED BOOTSTRAP DIODE
OUTPUTS IN PHASE WITH INPUTS
DESCRIPTION
The L6386 is an high-voltage device, manufac-
tured with the BCD ”OFF-LINE” technology. It has
a Driver structure that enables to drive inde-
pendent referenced Channel Power MOS or
IGBT. The Upper (Floating) Section is enabled to
work with voltage Rail up to 600V. The Logic In-
puts are CMOS/TTL compatible for ease of inter-
facing with controlling devices.
July 1999
®
LOGIC
UV
DETECTION
LEVEL
SHIFTER
UV
DETECTION
R
R
S
V
CC
LVG
DRIVER
VCC
HIN
SD
HVG
DRIVER
HVG
H.V.
TO LOAD
OUT
LVG
PGND
D97IN520D
LIN
DIAG
VREF
+
-
BOOTSTRAP DRIVER
Vboot
CIN
CBOOT
SGND
5
7
6
8
9
12
13
14
1
2
3
4
BLOCK DIAGRAM
SO14
DIP14
ORDERING NUMBERS:
L6386D
L6386
L6386
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
1/10


Similar Part No. - L6386

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386AD STMICROELECTRONICS-L6386AD Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD STMICROELECTRONICS-L6386AD Datasheet
293Kb / 15P
   High voltage high and low-side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
293Kb / 15P
   High voltage high and low-side driver
L6386ADTR STMICROELECTRONICS-L6386ADTR Datasheet
293Kb / 15P
   High voltage high and low-side driver
More results

Similar Description - L6386

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com