Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15MB200_0605 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS15MB200_0605
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200_0605 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS15MB200_0605 Datasheet HTML 1Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200_0605 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Absolute Maximum Ratings (Note 6)
Supply Voltage (V
DD)
−0.3V to +4.0V
CMOS Input Voltage
-0.3V to (V
DD+0.3V)
LVDS Receiver Input Voltage
(Note 7)
-0.3V to (V
DD+0.3V)
LVDS Driver Output Voltage
-0.3V to (V
DD+0.3V)
LVDS Output Short Circuit Current
+40 mA
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Solder, 4sec)
260˚C
Max Pkg Power Capacity @ 25˚C
5.2W
Thermal Resistance (
θ
JA)
24˚C/W
Package Derating above +25˚C
41.7mW/˚C
ESD Last Passing Voltage
HBM, 1.5k
Ω, 100pF
8kV
LVDS pins to GND only
15kV
EIAJ, 0
Ω, 200pF
250V
CDM
1000V
Recommended Operating
Conditions
Supply Voltage (V
CC)
3.0V to 3.6V
Input Voltage (V
I) (Note 7)
0V to V
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
Industrial
−40˚C to +85˚C
Note 6: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of products outside of recommended operation conditions.
Note 7: VID max < 2.4V
Electrical Characteristics
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 8)
Max
Units
LVTTL DC SPECIFICATIONS (MUX_Sn, PREA_n, PREB_n, PREL_n, ENA_n, ENB_n, ENL_n)
V
IH
High Level Input Voltage
2.0
V
DD
V
V
IL
Low Level Input Voltage
GND
0.8
V
I
IH
High Level Input Current
V
IN =VDD =VDDMAX
−10
+10
µA
I
IHR
High Level Input Current
PREA_n, PREB_n, PREL_n
40
200
µA
I
IL
Low Level Input Current
V
IN =VSS,VDD =VDDMAX
−10
+10
µA
C
IN1
Input Capacitance
Any Digital Input Pin to V
SS
2.0
pF
C
OUT1
Output Capacitance
Any Digital Output Pin to V
SS
4.0
pF
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
LVDS INPUT DC SPECIFICATIONS (SIA±, SIB±,LI±)
V
TH
Differential Input High Threshold
(Note 9)
V
CM = 0.8V or 1.2V or 3.55V,
V
DD = 3.6V
0
100
mV
V
TL
Differential Input Low Threshold
(Note 9)
V
CM = 0.8V or 1.2V or 3.55V,
V
DD = 3.6V
−100
0
mV
V
ID
Differential Input Voltage
V
CM = 0.8V to 3.55V, VDD = 3.6V
100
2400
mV
V
CMR
Common Mode Voltage Range
V
ID = 150 mV, VDD = 3.6V
0.05
3.55
V
C
IN2
Input Capacitance
IN+ or IN− to V
SS
2.0
pF
I
IN
Input Current
V
IN = 3.6V, VDD =VDDMAX or 0V
−15
+15
µA
V
IN = 0V, VDD =VDDMAX or 0V
−15
+15
µA
LVDS OUTPUT DC SPECIFICATIONS (SOA_n±, SOB_n±, LO_n±)
V
OD
Differential Output Voltage,
0% Pre-emphasis (Note 9)
R
L is the internal 100
Ω between OUT+
and OUT−
250
360
500
mV
∆V
OD
Change in V
OD between
Complementary States
-35
35
mV
V
OS
Offset Voltage (Note 10)
1.05
1.22
1.475
V
∆V
OS
Change in V
OS between
Complementary States
-35
35
mV
I
OS
Output Short Circuit Current
OUT+ or OUT− Short to GND
−21
-40
mA
C
OUT2
Output Capacitance
OUT+ or OUT− to GND when
TRI-STATE
4.0
pF
www.national.com
5


Similar Part No. - DS15MB200_0605

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200TSQ NSC-DS15MB200TSQ Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200TSQ TI1-DS15MB200TSQ Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQ/NOPB TI1-DS15MB200TSQ/NOPB Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
DS15MB200TSQX NSC-DS15MB200TSQX Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200TSQX/NOPB TI1-DS15MB200TSQX/NOPB Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results

Similar Description - DS15MB200_0605

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com