Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C91P Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZD27C91P
Description  VOLTAGE REGULATOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZD27C91P Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BZD27C91P Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZD27C91P Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZD27C91P Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BZD27C91P Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
When used as voltage regulator diodes
Rev.Breakdown
voltage
Test
current
V(BR)R@Itest
Itest
VC
@IRSM
1)
IR
@Vwm
Vm A
V
A
µ A
V
min
min
max
max
max
BZD27C7V5P
J8
7
100
0
0.07
11.3
13.3
1500
6.2
BZD27C8V2P
J9
7.7
100
0.03
0.08
12.3
12.2
1200
6.8
BZD27C9V1P
K0
8.5
50
0.03
0.08
13.3
11.3
100
7.5
BZD27C10P
K1
9.4
50
0.05
0.09
14.8
10.1
20
8.2
BZD27C11P
K2
10.4
50
0.05
0.1
15.7
9.6
5
9.1
BZD27C12P
K3
11.4
50
0.05
0.1
17
8.8
5
10.0
BZD27C13P
K4
12.4
50
0.05
0.1
18.9
7.9
5
11
BZD27C15P
K5
13.8
50
0.05
0.1
20.9
7.2
5
12
BZD27C16P
K6
15.3
25
0.06
0.11
22.9
6.6
5
13
BZD27C18P
K7
16.8
25
0.06
0.11
25.6
5.9
5
15
BZD27C20P
K8
18.8
25
0.06
0.11
28.4
5.3
5
16
BZD27C22P
K9
20.8
25
0.06
0.11
31
4.8
5
18
BZD27C24P
L0
22.8
25
0.06
0.11
33.8
4.4
5
20
BZD27C27P
L1
25.1
25
0.06
0.11
38.1
3.9
5
22
BZD27C30P
L2
28
25
0.06
0.11
42.2
3.6
5
24
BZD27C33P
L3
31
25
0.06
0.11
46.2
3.2
5
27
BZD27C36P
L4
34
10
0.06
0.11
50.1
3
5
30
BZD27C39P
L5
37
10
0.06
0.11
54.1
2.8
5
33
BZD27C43P
L6
40
10
0.07
0.12
60.7
2.5
5
36
BZD27C47P
L7
44
10
0.07
0.12
65.5
2.3
5
39
BZD27C51P
L8
48
10
0.07
0.12
70.8
2.1
5
43
BZD27C56P
L9
52
10
0.07
0.12
78.6
1.9
5
47
BZD27C62P
M0
58
10
0.08
0.13
86.5
1.7
5
51
BZD27C68P
M1
64
10
0.08
0.13
94.4
1.6
5
56
BZD27C75P
M2
70
10
0.08
0.13
103.5
1.5
5
62
BZD27C82P
M3
77
10
0.08
0.13
114
1.3
5
68
BZD27C91P
M4
85
5
0.09
0.13
126
1.2
5
75
BZD27C100P
M5
94
5
0.09
0.13
139
1.1
5
82
BZD27C110P
M6
104
5
0.09
0.13
139
0.72
5
91
BZD27C120P
M7
114
5
0.09
0.13
152
0.65
5
100
BZD27C130P
M8
124
5
0.09
0.13
169
0.59
5
110
BZD27C150P
M9
138
5
0.09
0.13
187
0.53
5
120
BZD27C160P
N1
153
5
0.09
0.13
205
0.48
5
130
BZD27C180P
N2
168
5
0.09
0.13
229
0.43
5
150
BZD27C200P
N3
188
5
0.09
0.13
254
0.39
5
160
Note:1)Non-repetitive peak reverse current in accordance with"IEC 60-1,Section 8"(10/1000
µs pulse);see Fig.4.
Document Number 0285014
3
.
www.galaxycn.com
BLGALAXYELECTRICAL
Reverse current at
stand-off voltage
ELECTRICAL CHARACTERISTICS(at T
J=25℃ unless otherwise noted)
TABLE2
Marking
code
Partnumber
Clamping
voltage
Temperature
coefficient
αz@Itest
%/℃


Similar Part No. - BZD27C91P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C91P VAISH-BZD27C91P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C91P SUNMATE-BZD27C91P Datasheet
585Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
BZD27C91P TSC-BZD27C91P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
Galaxy Semi-Conductor H...
BZD27C91P BILIN-BZD27C91P Datasheet
459Kb / 4P
   Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZD27C91P TSC-BZD27C91P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C91P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com