Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF40A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF40A
Description  SURFACE MOUNT ESD PROTECTION DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF40A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMF40A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF40A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF40A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BLGALAXY ELECTRICAL
Document Number 02850
11
1.
www.galaxycn.com
BLGALAXYELECTRICAL
FEATURES
Plastic package
has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated junction
1500W peak pulse power capability with a 10/1000μs
waveform, repetition rate (duty cycle): 0.05%
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for uni-directional and 5.0ns for bi-directional types
For devices with V(BR)
10V,ID are typically less than 1.0μA
High temperature soldering guaranteed:265
/ 10 seconds,
0.375"(9.5mm) lead length, 51bs. (2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-2
01AE, molded plastic
Polarity: Color band denotes positive end
( cathode ) except for bidirectional
Weight: 0.0
32 ounces, 0.9 grams
Mounting position: Any
/W
/W
75
RθJA
Typical thermal resistance junction-to-lead
Typical thermal resistance junction-to-ambient
RθJL
20
(4) VF=3.5 Volt max. for devices of V(BR) 200V, and VF=5.0 Volt max. for devices of V(BR) >200V
Operating junction and storage temperature range
TJ, TSTG
-50---+175
(3) Measured of 8.3ms single half sine-w ave or equare w ave, duty cycle=4 pulses per minute maximum
(2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25
per Fig. 2
Steady state pow er dissipation at TL=75
ffffflead lengths 0.375"(9.5mm) (NOTE 2)
PM(AV)
6.5
W
A
V
VF
Peak forw ard surge current, 8.3ms single half
ffffsine-w ave superimposed on rated load (JEDEC Method) (NOTE 3)
Maximum instantaneous forw ard voltage at
100 A for unidirectional only (NOTE 4)
IFSM
200.0
3.5/5.0
Peak pulse current w ith a 10/1000μs w aveform (NOTE 1)
IPPM
SEE TABLE 1
A
Peak pow er dissipation w ith a 10/1000μs w aveform (NOTE 1, FIG.1)
PPPM
Minimum 1500
W
1N6267---1N6303A
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 6.8 --- 200 V
PEAK PULSE POWER: 1500 W
DO-201AE
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use C or CA suffix for types 1N6267 thru types 1N6303A (e.g. 1N6267, 1N6303A).
Electrical characteristics apply in both directions.
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.


Similar Part No. - SMF40A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMF40A DIOTEC-SMF40A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMF40A VISHAY-SMF40A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF40A UNSEMI-SMF40A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
SMF40A LUGUANG-SMF40A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
Vishay Siliconix
SMF40A VISHAY-SMF40A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF40A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com