Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C56P Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZD27C56P
Description  VOLTAGE REGULATOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZD27C56P Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BZD27C56P Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZD27C56P Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZD27C56P Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BZD27C56P Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
When used as protection diodes
Test
current
IZT
IR
VR
m A
µ A
V
min
max
typ
max
min
max
max
BZD27C3V6P
D0
3.4
3.8
4
8
-0.14
-0.04
100
100
1
BZD27C3V9P
D1
3.7
4.1
4
8
-0.14
-0.04
100
50
1
BZD27C4V3P
D2
4
4.6
4
7
-0.12
-0.02
100
25
1
BZD27C4V7P
D3
4.4
5
3
7
-0.1
0
100
10
1
BZD27C5V1P
D4
4.8
5.4
3
6
-0.08
0.02
100
5
1
BZD27C5V6P
D5
5.2
6
2
4
-0.04
0.04
100
10
2
BZD27C6V2P
D6
5.8
6.6
2
3
-0.01
0.06
100
5
2
BZD27C6V8P
D7
6.4
7.2
1
3
0
0.07
100
10
3
BZD27C7V5P
D8
7
7.9
1
2
0
0.07
100
50
3
BZD27C8V2P
D9
7.7
8.7
1
2
0.03
0.08
100
10
3
BZD27C9V1P
E0
8.5
9.6
2
4
0.03
0.08
50
10
5
BZD27C10P
E1
9.4
10.6
2
4
0.05
0.09
50
7
7.5
BZD27C11P
E2
10.4
11.6
4
7
0.05
0.1
50
4.0
8.2
BZD27C12P
E3
11.4
12.7
4
7
0.05
0.1
50
3.0
9.1
BZD27C13P
E4
12.4
14.1
5
10
0.05
0.1
50
2
10
BZD27C15P
E5
13.8
15.6
5
10
0.05
0.1
50
1
11
BZD27C16P
E6
15.3
17.1
6
15
0.06
0.11
25
1
12
BZD27C18P
E7
16.8
19.1
6
15
0.06
0.11
25
1
13
BZD27C20P
E8
18.8
21.2
6
15
0.06
0.11
25
1
15
BZD27C22P
E9
20.8
23.3
6
15
0.06
0.11
25
1
16
BZD27C24P
F0
22.8
25.6
7
15
0.06
0.11
25
1
18
BZD27C27P
F1
25.1
28.9
7
15
0.06
0.11
25
1
20
BZD27C30P
F2
28
32
8
15
0.06
0.11
25
1
22
BZD27C33P
F3
31
35
8
15
0.06
0.11
25
1
24
BZD27C36P
F4
34
38
21
40
0.06
0.11
10
1
27
BZD27C39P
F5
37
41
21
40
0.06
0.11
10
1
30
BZD27C43P
F6
40
46
24
45
0.07
0.12
10
1
33
BZD27C47P
F7
44
50
24
45
0.07
0.12
10
1
36
BZD27C51P
F8
48
54
25
60
0.07
0.12
10
1
39
BZD27C56P
F9
52
60
25
60
0.07
0.12
10
1
43
BZD27C62P
G0
58
66
25
80
0.08
0.13
10
1
47
BZD27C68P
G1
64
72
25
80
0.08
0.13
10
1
51
BZD27C75P
G2
70
79
30
100
0.08
0.13
10
1
56
BZD27C82P
G3
77
87
30
100
0.08
0.13
10
1
62
BZD27C91P
G4
85
96
60
200
0.08
0.13
5
1
68
BZD27C100P
G5
94
106
60
200
0.09
0.13
5
1
75
BZD27C110P
G6
104
116
80
250
0.09
0.13
5
1
82
BZD27C120P
G7
114
127
80
250
0.09
0.13
5
1
91
BZD27C130P
G8
124
141
110
300
0.09
0.13
5
1
100
BZD27C150P
G9
138
156
130
300
0.09
0.13
5
1
110
BZD27C160P
H0
153
171
150
350
0.09
0.13
5
1
120
BZD27C180P
H1
168
191
180
400
0.09
0.13
5
1
130
BZD27C200P
H2
188
212
200
500
0.09
0.13
5
1
150
Document Number 0285014
2.
Note:1.Pulse test:tp≤5ms.
ELECTRICAL CHARACTERISTICS(at T
J=25℃ unless otherwise noted)
TABLE1
Marking
code
Partnumber
Working voltage
(NOTE 1)
Vz@IzT
V
Differential
resistance
rdif@Iz
www.galaxycn.com
BLGALAXYELECTRICAL
Temperature
coefficient
αz@Iz
%/℃
Reverse current at
reverse voltage


Similar Part No. - BZD27C56P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C56P VAISH-BZD27C56P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZD27C56P BILIN-BZD27C56P Datasheet
202Kb / 4P
   VOLTAGE REGULATOR DIODES
logo
Taiwan Semiconductor Co...
BZD27C56P TSC-BZD27C56P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
Shenzhen Luguang Electr...
BZD27C56P LUGUANG-BZD27C56P Datasheet
2Mb / 4P
   Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
BZD27C56P TSC-BZD27C56P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C56P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com