Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF28A Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF28A
Description  SURFACE MOUNT ESD PROTECTION DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF28A Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMF28A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF28A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF28A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BLGALAXY ELECTRICAL
Document Number 02850
11
3.
www.galaxycn.com
M
in
M
ax
1N6286
38.7
47.3
1.0
1N6286A
40.9
45.2
1.0
1N6287
42.3
51.7
1.0
1N6287A
44.7
49.4
1.0
1N6288
45.9
56.1
1.0
1N6288A
48.5
53.6
1.0
1N6289
50.4
61.8
1.0
1N6289A
53.2
58.8
1.0
1N6290
55.8
68.2
1.0
1N6290A
58.9
65.1
1.0
1N6291
61.2
74.8
1.0
1N6291A
64.6
71.4
1.0
1N6292
67.5
82.5
1.0
1N6292A
71.3
78.8
1.0
1N6293
73.8
90.2
1.0
1N6293A
77.9
86.1
1.0
1N6294
81.9
100
1.0
1N6294A
86.5
95.5
1.0
1N6295
90.0
110
1.0
1N6295A
95.0
105
1.0
1N6296
99.0
121
1.0
1N6296A
105
116
1.0
1N6297
108
132
1.0
1N6297A
114
126
1.0
1N6298
117
143
1.0
1N6298A
124
137
1.0
1N6299
136
165
1.0
1N6299A
143
158
1.0
1N6300
144
176
1.0
1N6300A
152
168
1.0
1N6301
153
187
1.0
1N6301A
162
179
1.0
1N6302
162
198
1.0
1N6302A
171
189
1.0
1N6303
180
220
1.0
1N6303A
190
210
1.0
Maximum
Temperature
Coefficient
of V(BR)
(%/ )
1.0
Stand-off
Voltage
VWM
(V)
Maximum
Reverse
Leakge
at VWM
ID (NOTE3)(μA)
Maximum
Pea
k Pulse
IPPM(NOTE2)
(A)
1.0
5.8
258
Maximum
Clamping
Voltage at
IPPM VC(V)
215
Breakdow n
Voltage V(BR)
(V)(NOTE1)
Test
Current
at IT
(mA)
94.0
1.0
77.8
73.7
60.7
64.1
66.4
70.1
105
1.0
0.108
111
1.0
8.4
179
0.107
173
0.107
0.107
0.107
0.107
1.0
6.1
246
1.0
207
9.1
165
8.0
187
244
0.106
1.0
9.5
158
0.107
1.0
10.9
9.9
152
1.0
1.0
1.0
11.5
5.2
1.0
1.
1.0
0
6.1
1.0
0.104
58.1
1.0
16.3
92.0
0.104
55.1
1.0
15.3
98.0
0.104
53.0
1.0
17.6
85.0
0.104
50.2
1.0
16.9
89.0
1.0
1.0
1.0
1.0
1.0
1.0
6.8
1.0
7.2
8.7
7.0
12.0
131
125
144
10.4
13.9
14.6
12.7
13.3
109
0.106
0.108
0.108
0.105
0.105
0.105
104
118
137
0.108
0.106
0.108
0.108
0.108
0.108
113
1.0
5.5
6.5
6.4
234
287
274
230
219
0.105
0.106
0.106
0.106
162
154
146
81.0
89.2
85.5
97.2
138
102
121
NOTE: For bidirectional use C or CA suffix for types
1N6267 thru types 1N6303A(e.g.1N6267,1N6303A). Electrical
characteristics apply in both directions.
ELECTRICAL CHARACTERISTICS at(TA=25
unless otherwise noted)
TABLE 1(Cont' d)
Device Type
171
130
136
128
145
0.101
36.8
1.0
25.3
59.3
0.101
34.8
1.0
24.2
61.9
0.101
40.2
1.0
23.1
64.8
0.101
38.1
1.0
22.1
67.8
0.102
43.6
1.0
21.4
70.1
0.102
41.3
1.0
20.4
73.5
0.103
47.8
1.0
19.5
77.0
0.103
45.4
1.0
18.6
80.5


Similar Part No. - SMF28A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF28A VISHAY-SMF28A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF28A RFE-SMF28A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
Nanjing International G...
SMF28A DGNJDZ-SMF28A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF28A VISHAY-SMF28A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF28A ANOVA-SMF28A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF28A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com