Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6283A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N6283A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N6283A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N6283A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N6283A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N6283A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1N6283A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BLGALAXY ELECTRICAL
Document Number 02850
11
1.
www.galaxycn.com
BLGALAXYELECTRICAL
FEATURES
Plastic package
has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated junction
1500W peak pulse power capability with a 10/1000μs
waveform, repetition rate (duty cycle): 0.05%
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for uni-directional and 5.0ns for bi-directional types
For devices with V(BR)
10V,ID are typically less than 1.0μA
High temperature soldering guaranteed:265
/ 10 seconds,
0.375"(9.5mm) lead length, 51bs. (2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-2
01AE, molded plastic
Polarity: Color band denotes positive end
( cathode ) except for bidirectional
Weight: 0.0
32 ounces, 0.9 grams
Mounting position: Any
/W
/W
75
RθJA
Typical thermal resistance junction-to-lead
Typical thermal resistance junction-to-ambient
RθJL
20
(4) VF=3.5 Volt max. for devices of V(BR) 200V, and VF=5.0 Volt max. for devices of V(BR) >200V
Operating junction and storage temperature range
TJ, TSTG
-50---+175
(3) Measured of 8.3ms single half sine-w ave or equare w ave, duty cycle=4 pulses per minute maximum
(2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25
per Fig. 2
Steady state pow er dissipation at TL=75
ffffflead lengths 0.375"(9.5mm) (NOTE 2)
PM(AV)
6.5
W
A
V
VF
Peak forw ard surge current, 8.3ms single half
ffffsine-w ave superimposed on rated load (JEDEC Method) (NOTE 3)
Maximum instantaneous forw ard voltage at
100 A for unidirectional only (NOTE 4)
IFSM
200.0
3.5/5.0
Peak pulse current w ith a 10/1000μs w aveform (NOTE 1)
IPPM
SEE TABLE 1
A
Peak pow er dissipation w ith a 10/1000μs w aveform (NOTE 1, FIG.1)
PPPM
Minimum 1500
W
1N6267---1N6303A
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 6.8 --- 200 V
PEAK PULSE POWER: 1500 W
DO-201AE
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use C or CA suffix for types 1N6267 thru types 1N6303A (e.g. 1N6267, 1N6303A).
Electrical characteristics apply in both directions.
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.


Similar Part No. - 1N6283A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6283A TRSYS-1N6283A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6283A VISHAY-1N6283A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
DAESAN ELECTRONIC CORP.
1N6283A DAESAN-1N6283A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Vishay Siliconix
1N6283A VISHAY-1N6283A Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Dc Components
1N6283A DCCOM-1N6283A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6283A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com