Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28246FBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28246FBZ
Description  5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28246FBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28246FBZ Datasheet HTML 7Page - Intersil Corporation ISL28246FBZ Datasheet HTML 8Page - Intersil Corporation ISL28246FBZ Datasheet HTML 9Page - Intersil Corporation ISL28246FBZ Datasheet HTML 10Page - Intersil Corporation ISL28246FBZ Datasheet HTML 11Page - Intersil Corporation ISL28246FBZ Datasheet HTML 12Page - Intersil Corporation ISL28246FBZ Datasheet HTML 13Page - Intersil Corporation ISL28246FBZ Datasheet HTML 14Page - Intersil Corporation ISL28246FBZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6321.2
February 11, 2008
Applications Information
Introduction
The ISL28146 and ISL28246 are single and dual channel
rail-to-rail input, output (RRIO) micropower precision
operational amplifiers. The parts are designed to operate
from single supply (2.4V to 5.0V) or dual supply (±1.2V to
±2.75V). The parts have an input common mode range that
extends 0.25V above the positive rail and down to the
negative supply rail. The output operation can swing within
about 3mV of the supply rails with a 100k
Ω load.
Rail-to-Rail Input
Many rail-to-rail input stages use two differential input pairs,
a long-tail PNP (or PFET) and an NPN (or NFET). Severe
penalties have to be paid for this circuit topology. As the
input signal moves from one supply rail to another, the
operational amplifier switches from one input pair to the
other causing drastic changes in input offset voltage and an
undesired change in magnitude and polarity of input offset
current.
The ISL28146 and ISL28246 achieve input rail-to-rail
operation without sacrificing important precision
specifications and degrading distortion performance. The
devices’ input offset voltage exhibits a smooth behavior
throughout the entire common-mode input range. The input
bias current versus the common-mode voltage range gives
an undistorted behavior from typically down to the negative
rail and up to 0.25V higher than the V+ rail.
Rail-to-Rail Output
A pair of complementary MOS devices are used to achieve
the rail-to-rail output swing. The NMOS sinks current to
swing the output in the negative direction. The PMOS
sources current to swing the output in the positive direction.
The ISL28146 and ISL28246 with a 100k
Ω load will swing to
within 3mV of the positive supply rail and within 3mV of the
negative supply rail.
Results of Over-Driving the Output
Caution should be used when over-driving the output for long
periods of time. Over-driving the output can occur in two ways:
1. The input voltage times the gain of the amplifier exceeds the
supply voltage by a large value or,
2. The output current required is higher than the output stage
can deliver. These conditions can result in a shift in the Input
Offset Voltage (VOS) as much as 1µV/hr. of exposure under
these conditions.
IN+ and IN- Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. They also contain
back-to-back diodes across the input terminals (“Pin
Descriptions” on page 10 - Circuit 1). For applications where
the input differential voltage is expected to exceed 0.5V, an
external series resistor must be used to ensure the input
currents never exceed 5mA (Figure 36).
Enable/Disable Feature
The ISL28146 offers an EN pin that disables the device
when pulled up to at least 2.0V. In the disabled state (output
in a high impedance state), the part consumes typically 10µA
at room temperature. The EN pin has an internal pull-down.
If left open, the EN pin will pull to the negative rail and the
device will be enabled by default. When not used, the EN pin
should either be left floating or connected directly to the -V
pin.
By disabling the part, multiple ISL28146 parts can be
connected together as a MUX. In this configuration, the
outputs are tied together in parallel and a channel can be
selected by the EN pin. The loading effects of the feedback
resistors of the disabled amplifier must be considered when
multiple amplifier outputs are connected together. Note that
feed through from the IN+ to IN- pins occurs on any Mux
Amp disabled channel where the input differential voltage
exceeds 0.5V (e.g., active channel VOUT = 1V, while
disabled channel VIN = GND), so the mux implementation is
best suited for small signal applications. If large signals are
required, use series IN+ resistors, or a large value RF, to
keep the feed through current low enough to minimize the
impact on the active channel. See “Limitations of the
Differential Input Protection” on page 11.
Limitations of the Differential Input Protection
If the input differential voltage is expected to exceed 0.5V, an
external current limiting resistor must be used to ensure the
input current never exceeds 5mA. For non-inverting unity gain
applications, the current limiting can be via a series IN+ resistor,
or via a feedback resistor of appropriate value. For other gain
configurations, the series IN+ resistor is the best choice, unless
the feedback (RF) and gain setting (RG) resistors are both
sufficiently large to limit the input current to 5mA.
Large differential input voltages can arise from several
sources:
1. During open loop (comparator) operation. Used this way,
the IN+ and IN- voltages don’t track, so differentials arise.
2. When the amplifier is disabled but an input signal is still
present. An RL or RG to GND keeps the IN- at GND, while
the varying IN+ signal creates a differential voltage. Mux
Amp applications are similar, except that the active
channel VOUT determines the voltage on the IN- terminal.
3. When the slew rate of the input pulse is considerably
faster than the op amp’s slew rate. If the VOUT can’t keep
FIGURE 36. INPUT CURRENT LIMITING
-
+
RIN
RL
VIN
VOUT
ISL28146, ISL28246


Similar Part No. - ISL28246FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28246FBZ INTERSIL-ISL28246FBZ Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28246FBZ-T7 INTERSIL-ISL28246FBZ-T7 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Similar Description - ISL28246FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com