Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ20 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ20
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ20 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ20 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ20 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ20 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ20 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni
Bi
Min
+SMBJ5.0
KD
KD
6.40
9.6
+SMBJ5.0A
KE
KE
6.40
9.2
+SMBJ6.0
KF
KF
6.67
11.4
+SMBJ6.0A
KG
KG
6.67
10.3
+SMBJ6.5
KH
AH
7.22
12.3
+SMBJ6.5A
KK
AK
7.22
11.2
+SMBJ7.0
KL
KL
7.78
13.3
+SMBJ7.0A
KM
KM
7.78
12.0
+SMBJ7.5
KN
AN
8.33
14.3
+SMBJ7.5A
KP
AP
8.33
12.9
+SMBJ8.0
KQ
AQ
8.89
15.0
+SMBJ8.0A
KR
AR
8.89
13.6
+SMBJ8.5
KS
AS
9.44
15.9
+SMBJ8.5A
KT
AT
9.44
14.4
+SMBJ9.0
KU
AU
10.0
16.9
+SMBJ9.0A
KV
AV
10.0
15.4
+SMBJ10
KW
AW
11.1
18.8
+SMBJ10A
KX
AX
11.1
17.0
+SMBJ11
KY
KY
12.2
20.1
+SMBJ11A
KZ
KZ
12.2
18.2
+SMBJ12
LD
BD
13.3
22.0
+SMBJ12A
LE
BE
13.3
19.9
+SMBJ13
LF
LF
14.4
23.8
+SMBJ13A
LG
LG
14.4
21.5
+SMBJ14
LH
BH
15.6
25.8
+SMBJ14A
LK
BK
15.6
23.2
+SMBJ15
LL
BL
16.7
26.9
+SMBJ15A
LM
BM
16.7
24.4
+SMBJ16
LN
LN
17.8
28.8
+SMBJ16A
LP
LM
17.8
26.0
+SMBJ17
LQ
LQ
18.9
30.5
+SMBJ17A
LR
LR
18.9
27.6
+SMBJ18
LS
BS
20.0
32.2
+SMBJ18A
LT
BT
20.0
29.2
+SMBJ20
LU
LU
22.2
35.8
+SMBJ20A
LV
LV
22.2
32.4
+SMBJ22
LW
BW
24.4
39.4
+SMBJ22A
LX
BX
24.4
35.5
+SMBJ24
LY
BY
26.7
43.0
+SMBJ24A
LZ
BZ
26.7
38.9
+SMBJ26
MD
CD
28.9
46.6
+SMBJ26A
ME
CE
28.9
42.1
+SMBJ28
MF
MF
31.1
50.0
+SMBJ28A
MG
MG
31.1
45.4
+SMBJ30
MH
CH
33.3
53.5
+SMBJ30A
MK
CK
33.3
48.4
f ile number E239431 for both uni-directional and bi-directional devices
(4) All terms and symbols are consistent w ith ANSI/IEEE C62.35
Notes: (1) Pulse test :t
P
50ms
(2) Surge current w aveform per Fig.3 and derate per Fig.2
(3) For bi-directional types having V
WM of 10 V olts and les s,the ID Iimit is doubled
+Underw riters Laboratory Recognition for the classification of protectors (QVG2) under the UL standard for saf ety 497B and
Maximum
Clamping
Voltage at I
PPM
Vc (V)
11.2
36.8
1.0
30
5.0
12.4
40.7
1.0
30
5.0
12.0
34.4
1.0
28
5.0
13.2
38.0
1.0
28
5.0
12.9
31.9
1.0
26
5.0
14.3
35.3
1.0
26
5.0
14.0
29.5
1.0
24
5.0
15.4
32.6
1.0
24
5.0
Test
Current
I
T(m A )
Stand-off
Voltage
V
WM (V )
Maximum
Reverse Leakage
at V
WM
I
D(
A)(3)
1.0
5.0
5.0
5.0
16
5.0
Maximum
Peak Pulss Surge
Current I
PPM
(A)(2)
Device
Marking
Code
26.9
1.0
20.9
1.0
11.1
1.0
1.0
12.3
18.5
29.8
1.0
22
5.0
15.2
24.5
1.0
20
5.0
16.8
22.1
1.0
18
5.0
27.1
1.0
20
5.0
13.5
1.0
20.5
11
5.0
33.0
1.0
15
5.0
1.0
12
5.0
27.3
41.7
1.0
15
5.0
1.0
31.9
35.3
29.9
9.0
10
35.5
5.0
10
5.0
39.0
11
5.0
1.0
14
5.0
12.2
1.0
9.0
10
14.9
1.0
16.3
13.6
1.0
200
100
1.0
1.0
1.0
8.5
10.4
20
23.1
1.0
1.0
1.0
1.0
19.7
21.8
18.5
20.4
19.1
800
800
800
500
800
5.0
17
8.0
16
6.0
6.0
6.5
500
10.2
7.82
10
5.0
10
10
1.0
1.0
10
13
10
10
10
10
1.0
12
10
8.0
6.5
50
50
20
7.0
7.0
7.5
7.5
8.5
200
19.7
5.0
21.7
24.4
1.0
18
5.0
18.6
17
5.0
13
14
5.0
5.0
50.0
23.1
30.2
25.2
27.9
23.3
25.9
22.3
24.6
20.8
58.3
48.8
53.6
45.1
11.5
9.83
7.07
8.15
7.37
8.82
7.98
10.9
9.51
8.60
15.9
14.7
17.2
17.6
1.0
Device Type
Modified
"J" Bend Lead
Breakdow n Voltage
V
(BR) at IT
(1)
(V)
Max
9.21
62.5
65.2
52.6
42.0
ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient tem perature unless otherwise specif ied.VF=3.5V at IF=50A (uni-directional only )
22
5.0
16.9
46.5
40.0
44.1
37.7
100
Document Number 0285006
2
.
www.galaxycn.com
BLGALAXYELECTRICAL


Similar Part No. - SMBJ20

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ20 SOCAY-SMBJ20 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ20 JGD-SMBJ20 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ20 MICROSEMI-SMBJ20 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ20 SOCAY-SMBJ20 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ20 DAESAN-SMBJ20 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
More results

Similar Description - SMBJ20

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com