Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS299KMSR Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS299KMSR
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS299KMSR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HCTS299KMSR Datasheet HTML 4Page - Intersil Corporation HCTS299KMSR Datasheet HTML 5Page - Intersil Corporation HCTS299KMSR Datasheet HTML 6Page - Intersil Corporation HCTS299KMSR Datasheet HTML 7Page - Intersil Corporation HCTS299KMSR Datasheet HTML 8Page - Intersil Corporation HCTS299KMSR Datasheet HTML 9Page - Intersil Corporation HCTS299KMSR Datasheet HTML 10Page - Intersil Corporation HCTS299KMSR Datasheet HTML 11Page - Intersil Corporation HCTS299KMSR Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
631
HCTS299MS
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE: 1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC BURN-IN AND DYNAMIC
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
8, 17
1 - 7, 9 - 16, 18, 19
-
20
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
8, 17
10
-
1 - 7, 9, 11 - 16, 18 - 20
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
2, 3, 10, 18, 19
4 - 8, 13 - 17
1, 9, 20
12
11
NOTES:
1. Each pin except VCC and GND will have a resistor of 10k
Ω ± 5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 680
Ω ± 5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
8, 17
10
1 - 7, 9, 11 - 16, 18 - 20
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω ± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518640


Similar Part No. - HCTS299KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS299KMSR INTERSIL-HCTS299KMSR Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Renesas Technology Corp
HCTS299KMSR RENESAS-HCTS299KMSR Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
More results

Similar Description - HCTS299KMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS299MS RENESAS-HCTS299MS Datasheet
529Kb / 12P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
   CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com