Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1109IBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA1109IBZ
Description  450MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1109IBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA1109IBZ Datasheet HTML 2Page - Intersil Corporation HFA1109IBZ Datasheet HTML 3Page - Intersil Corporation HFA1109IBZ Datasheet HTML 4Page - Intersil Corporation HFA1109IBZ Datasheet HTML 5Page - Intersil Corporation HFA1109IBZ Datasheet HTML 6Page - Intersil Corporation HFA1109IBZ Datasheet HTML 7Page - Intersil Corporation HFA1109IBZ Datasheet HTML 8Page - Intersil Corporation HFA1109IBZ Datasheet HTML 9Page - Intersil Corporation HFA1109IBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN4019.5
April 23, 2007
Typical Performance Curves VSUPPLY = ±5V, TA = +25°C, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified
FIGURE 2. SMALL SIGNAL PULSE RESPONSE
FIGURE 3. LARGE SIGNAL PULSE RESPONSE
FIGURE 4. SMALL SIGNAL PULSE RESPONSE
FIGURE 5. LARGE SIGNAL PULSE RESPONSE
AV = +2
TIME (5ns/DIV)
200
150
100
50
0
-50
-100
-150
-200
AV = +2
TIME (5ns/DIV)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
AV = +1
TIME (5ns/DIV)
200
150
100
50
0
-50
-100
-150
-200
AV = +1
TIME (5ns/DIV)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
HFA1109


Similar Part No. - HFA1109IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1109IBZ RENESAS-HFA1109IBZ Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109IBZ96 RENESAS-HFA1109IBZ96 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
More results

Similar Description - HFA1109IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105 INTERSIL-HFA1105_06 Datasheet
304Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com