Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5204IYZ-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5204IYZ-T7
Description  700MHz Slew-Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5204IYZ-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5204IYZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5204IYZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN7332.6
May 3, 2007
FIGURE 7. GAIN vs FREQUENCY FOR VARIOUS ±Vs
FIGURE 8. GAIN vs FREQUENCY FOR VARIOUS RL (AV=+1)
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RL (AV=+2)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS RL (AV=+5)
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS CL (AV=+1)
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS CL (AV=+2)
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
AV=+1
RF=0
RL=500Ω
VS=±6V
VS=±5V
VS=±4V
VS=±3V
VS=±2V
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
RL=1kΩ
VS=±5
RF=0
AV=+1
RL=500Ω
RL=50Ω
RL=75Ω
RL=150Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
RL=1kΩ
VS=±5
RF=255Ω
AV=+2
RL=500Ω
RL=150Ω
RL=75Ω
RL=50Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
RL=500Ω
RL=150Ω
RL=75Ω
RL=50Ω
RL=1kΩ
VS=±5
RF=1600Ω
AV=+5
CL=12pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VS=±5
RF=0
AV=+1
CL=22pF
CL=5.6pF
CL=3.3pF
CL=12pF
CL=0pF
RL=500Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS=±5
RF=255Ω
AV=+2
RL=500Ω
CL=33pF
CL=22pF
CL=0pF
CL=15pF
CL=8.2pF
EL5104, EL5105, EL5204, EL5205, EL5304


Similar Part No. - EL5204IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5204IYZ-T7 INTERSIL-EL5204IYZ-T7 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5204IYZ-T7 RENESAS-EL5204IYZ-T7 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
More results

Similar Description - EL5204IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com