Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1109IB Datasheet(PDF) 8 Page - Intersil Corporation

Part # HFA1109IB
Description  450MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1109IB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HFA1109IB Datasheet HTML 4Page - Intersil Corporation HFA1109IB Datasheet HTML 5Page - Intersil Corporation HFA1109IB Datasheet HTML 6Page - Intersil Corporation HFA1109IB Datasheet HTML 7Page - Intersil Corporation HFA1109IB Datasheet HTML 8Page - Intersil Corporation HFA1109IB Datasheet HTML 9Page - Intersil Corporation HFA1109IB Datasheet HTML 10Page - Intersil Corporation HFA1109IB Datasheet HTML 11Page - Intersil Corporation HFA1109IB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN4019.5
April 23, 2007
FIGURE 12. GAIN FLATNESS
FIGURE 13. OPEN LOOP TRANSIMPEDANCE
FIGURE 14. 2nd HARMONIC DISTORTION vs POUT
FIGURE 15. 3rd HARMONIC DISTORTION vs POUT
FIGURE 16. 2nd HARMONIC DISTORTION vs POUT
FIGURE 17. 3rd HARMONIC DISTORTION vs POUT
Typical Performance Curves VSUPPLY = ±5V, TA = +25°C, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
0.1
0
-0.1
FREQUENCY (Hz)
1M
10M
100M
500M
VOUT = 200mVP-P
AV = +1
AV = +2
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
116
106
96
FREQUENCY (Hz)
86
76
66
56
46
36
0.01M
0.1M 0.3M 1M 3M 6M10M30M 100M 500M
0
45
90
135
180
26
-90
-80
-70
-60
-50
-40
-30
AV =+1
-6
-3
0
9
12
36
OUTPUT POWER (dBm)
10MHz
20MHz
50MHz
100MHz
-6
-3
0
9
12
-80
-70
-60
-50
-40
-30
36
OUTPUT POWER (dBm)
50MHz
100MHz
AV =+1
20MHz
10MHz
-90
-20
-100
-90
-80
-70
-60
-50
-40
-30
50MHz
AV =+2
-6
-3
0
9
12
15
36
OUTPUT POWER (dBm)
10MHz
100MHz
20MHz
-90
-80
-70
-60
-50
-40
-30
50MHz
AV =+2
-6
-3
0
9
12
15
36
OUTPUT POWER (dBm)
20MHz
10MHz
100MHz
HFA1109


Similar Part No. - HFA1109IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1109IB INTERSIL-HFA1109IB Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
HFA1109IB INTERSIL-HFA1109IB Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Renesas Technology Corp
HFA1109IB RENESAS-HFA1109IB Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109IBZ RENESAS-HFA1109IBZ Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109IBZ96 RENESAS-HFA1109IBZ96 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
More results

Similar Description - HFA1109IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105 INTERSIL-HFA1105_06 Datasheet
304Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com