Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2227CSZ-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2227CSZ-T13
Description  Dual Very Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CSZ-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL2227CSZ-T13 Datasheet HTML 1Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 2Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 3Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 4Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 5Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 6Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 7Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 8Page - Intersil Corporation EL2227CSZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7058.3
May 1, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . .28V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.3V, VS +0.3V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
ESD Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +12V, VS- = -12V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, and TA = +25°C Unless Otherwise
Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
-0.2
3
mV
TCVOS
Average Offset Voltage Drift
-0.6
µV/°C
IB
Input Bias Current
VCM = 0V
-9
-3.4
µA
RIN
Input Impedance
7.3
M
Ω
CIN
Input Capacitance
1.6
pF
CMIR
Common-Mode Input Range
-11.8
+10.4
V
CMRR
Common-Mode Rejection Ratio
for VIN from -11.8V to 10.4V
60
94
dB
AVOL
Open-Loop Gain
-5V
≤ VOUT ≤ 5V
70
87
dB
eN
Voltage Noise
f = 100kHz
1.9
nV/
√Hz
iN
Current Noise
f = 100kHz
1.2
pA/
√Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500Ω
-10.4
-10
V
RL = 250Ω
-9.8
-9
V
VOH
Output Swing High
RL = 500Ω
10
10.4
V
RL = 250Ω
9.5
10
V
ISC
Short Circuit Current
RL = 10Ω
140
180
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±12V
65
95
dB
IS
Supply Current (Per Amplifier)
No Load
4.8
6.5
mA
VS
Operating Range
±2.5
±12
V
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
±2.5V square wave, measured 25% to 75%
40
50
V/µS
tS
Settling to 0.1% (AV = +2)
(AV = +2), VO = ±1V
65
ns
BW
-3dB Bandwidth
RF = 358Ω
115
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
93
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
83
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
94
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
76
dBc
EL2227


Similar Part No. - EL2227CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2227CSZ INTERSIL-EL2227CSZ Datasheet
441Kb / 14P
   Dual, Very Low Noise Amplifier
logo
Renesas Technology Corp
EL2227CSZ RENESAS-EL2227CSZ Datasheet
740Kb / 14P
   Dual, Very Low Noise Amplifier
More results

Similar Description - EL2227CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
logo
Renesas Technology Corp
EL2227 RENESAS-EL2227 Datasheet
740Kb / 14P
   Dual, Very Low Noise Amplifier
logo
Intersil Corporation
EL2227 INTERSIL-EL2227 Datasheet
441Kb / 14P
   Dual, Very Low Noise Amplifier
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270 AD-OP270 Datasheet
525Kb / 16P
   Dual Very Low Noise Precision Operational Amplifier
REV. C
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
   DUAL VERY LOW NOISE PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com