Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE24 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # P4KE24
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

P4KE24 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  P4KE24 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited P4KE24 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited P4KE24 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited P4KE24 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GALAXY ELECTRICAL
FEATURES
Plastic package
has Underwriters Laboratory
FlammabilityClassification 94V-0
Glass passivated junction
400Wpeak pulse power capabilitywith a 10/1000μs
waveform, repetition rate (dutycycle): 0.01%
Excellent clamping capability
Fast response time: typicallyless than 1.0ps from 0 Volts to
V(BR) for uni-directional and 5.0ns for bi-directional types
Devices with V(BR) 10VID are typicallyID less than 1.0 μA
High temperature soldering guaranteed:265 / 10 seconds,
0.375"(9.5mm) lead length, 5
lbs. (2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-41, molded plastic bodyover
passivated junction
Terminals: Axial leads, solderable per MIL-STD-750,
method 2026
Polarity: Foruni-directional types the color band denotes
the cathode, which is postitive with respect to the
anode under normal TVS operation
Weight: 0.012 ounces, 0.34 grams
Mounting position: Any
MaximumInstantaneous Forward Voltage at 25A for unidirectional only (NOTE4)
IFSM
40.0
3.5/5.0
(4) VF=3.5 Volt max. for devices of V(BR) 220V, and VF=5.0 Volt max. for devices of V(BR) >220V
Operating Junction and Storage Temperature Range
TJ, TSTG
-50---+175
(3) Measured of 8.3ms single half sine-wave or equare wave, duty cycle=4 pulses per minute maximum
(2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2
Steady State Power Dissipation at TL=75
fffffLead Lengths 0.375"(9.5mm) (NOTE2)
PM(AV)
1.0
W
A
V
VF
Peak Forward Surge Current, 8.3ms Single half
ffffSine-Wave Superimposed on Rated Load (JEDECMethod) (NOTE3)
Peak Pulse Current with a 10/1000μs waveform(NOTE1)
IPPM
S
ee table 1
A
Peak Power Dissipation with a 10/1000μs waveform(NOTE1, FIG.1)
PPPM
Minimum 400
W
P4KE6.8 --- P4KE440CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 6.8 --- 440 V
PEAK PULSE POWER: 400 W
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use C or CAsuffixfor types P4KE 7.5 thru types P4KE 440 (e.g. P4KE 7.5CA, P4KE 440CA).
Electrical characteristics applyin both directions.
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
BLGALAXY ELECTRICAL
Document Number 0285001
1.
www.galaxycn.com
BL
DO - 41


Similar Part No. - P4KE24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE24 PANJIT-P4KE24 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P4KE24 LUGUANG-P4KE24 Datasheet
2Mb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE24 LUGUANG-P4KE24 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE24 DIOTEC-P4KE24 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE24 LUGUANG-P4KE24 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE24

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com