Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2228CY-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2228CY-T7
Description  Dual Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2228CY-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL2228CY-T7 Datasheet HTML 1Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 2Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 3Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 4Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 5Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 6Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 7Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 8Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Non-Inverting Frequency Response for Various CL
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = +1
100M
Non-Inverting Frequency Response for Various
Output DC Levels
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
100M
CL = 30pF
CL = 3pF
CL = 10pF
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = +1
VO = +10
VO = 0
VO = -10
VO = -5
VO =
-3dB Bandwidth vs ± Supply Voltage for Non-
inverting Gains
80
60
40
20
0
2.5
4.5
8.5
Supply Voltage (±V)
12.5
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = +1
6.5
10.5
G = 1
G = 2
G = 5
G = 10
-3dB Bandwidth vs ± Supply Voltage for Inverting
Gains
25
15
10
5
0
2.5
Supply Voltage (±V)
20
8.5
4.5
12.5
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = +1
G = -1
G = -2
G = -5
G = -10
10.5
6.5
Peaking vs ± Supply Voltage for Non-inverting
Gains
1
0.8
0.6
0.4
0.2
0
2.5
4.5
Supply Voltage (±V)
12.5
Peaking vs ± Supply Voltage for Inverting Gains
0.2
0.16
0.12
0.08
0.04
0
Supply Voltage (±V)
8.5
6.5
10.5
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = +1
G = 1
G = 2
G = 10
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = +1
G = -1
2.5
8.5
4.5
10.5
6.5
12.5
G = -2
G = -10
Small Signal Step Response
VS = ±12V
Small Signal Step Response
VS = ±2.5V
50ns/div
20mV/div
50ns/div
20mV/div
VO = +5
RF = 420Ω
AV = 1
RL= 500Ω
RF = 420Ω
AV = 1
RL= 500Ω
5
FN7008.2
May 3, 2007
Typical Performance Curves (Continued)
EL2228


Similar Part No. - EL2228CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228CY-T7 ELANTEC-EL2228CY-T7 Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CY-T7 INTERSIL-EL2228CY-T7 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228CY-T7 RENESAS-EL2228CY-T7 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results

Similar Description - EL2228CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com