Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2228CY Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2228CY
Description  Dual Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2228CY Datasheet(HTML) 3 Page - Intersil Corporation

  EL2228CY Datasheet HTML 1Page - Intersil Corporation EL2228CY Datasheet HTML 2Page - Intersil Corporation EL2228CY Datasheet HTML 3Page - Intersil Corporation EL2228CY Datasheet HTML 4Page - Intersil Corporation EL2228CY Datasheet HTML 5Page - Intersil Corporation EL2228CY Datasheet HTML 6Page - Intersil Corporation EL2228CY Datasheet HTML 7Page - Intersil Corporation EL2228CY Datasheet HTML 8Page - Intersil Corporation EL2228CY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 500Ω and CL = 3pF to 0V, RF = 420Ω and TA = +25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
0.6
3
mV
TCVOS
Average Offset Voltage Drift
Measured over operating temperature range
4.9
µV/°C
IB
Input Bias Current
VCM = 0V
-9
-4.5
-1
µA
RIN
Input Impedance
6
M
Ω
CIN
Input Capacitance
1.2
pF
CMIR
Common-Mode Input Range
-4.7
+3.4
V
CMRR
Common-Mode Rejection Ratio
for VIN from -4.7V to +3.4V
60
90
dB
for VIN from -2V to +2V
dB
AVOL
Open-Loop Gain
-2.5V
≤ V
OUT ≤ 2.5V
60
72
dB
eN
Voltage Noise
f = 100kHz
4.7
nV/
√Hz
iN
Current Noise
f = 100kHz
1.2
pA/
√Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500Ω
-3.8
-3.5
V
RL = 250Ω
-3.7
-3.5
V
VOH
Output Swing High
RL = 500Ω
3.5
3.7
V
RL = 250Ω
3.5
3.6
V
ISC
Short Circuit Current
RL = 10Ω
60
100
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±4.5V to ±5.5V
65
83
dB
IS
Supply Current (Per Amplifier)
No load
3.5
4.5
5.5
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 1)
±2.5V square wave, measured 25%-75%
35
50
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
50
ns
BW
-3dB Bandwidth
75
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, AV = 2
-90
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, AV = 2
-71
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, AV = 2
-99
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, AV = 2
-69
dBc
3
FN7008.2
May 3, 2007
NOTE:
1. Slew rate is measured on rising and falling edges
EL2228


Similar Part No. - EL2228CY

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228CY ELANTEC-EL2228CY Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CY INTERSIL-EL2228CY Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228CY RENESAS-EL2228CY Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
logo
Elantec Semiconductor
EL2228CY-T13 ELANTEC-EL2228CY-T13 Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CY-T13 INTERSIL-EL2228CY-T13 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
More results

Similar Description - EL2228CY

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com